Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20705B0KWFBGT Fiches technique(PDF) 25 Page - Cypress Semiconductor

No de pièce CYW20705B0KWFBGT
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705B0KWFBGT Fiches technique(HTML) 25 Page - Cypress Semiconductor

Back Button CYW20705B0KWFBGT Datasheet HTML 21Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 22Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 23Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 24Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 25Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 26Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 27Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 28Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Microprocessor Unit
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 24
Sec t ion 4: Mic r o p roce sso r Unit
Overview
The BCM20705 microprocessor unit runs software from the Link Control (LC) layer up to the Host Controller
Interface (HCI). The microprocessor is based on the ARM7TDMIS 32-bit RISC processor with embedded ICE-
RT debug and JTAG interface units. The microprocessor also includes 448 KB of ROM memory for program
storage and boot ROM, 132 KB of RAM for data scratch-pad, and patch RAM code.
The internal boot ROM provides flexibility during power-on reset to enable the same device to be used in various
configurations, including automatic host transport selection from SPI, USB, or UART, with or without external
NVRAM. At power-up, the lower layer protocol stack is executed from the internal ROM.
External patches can be applied to the ROM-based firmware to provide flexibility for bug fixes and features
additions. These patches can be downloaded from the host to the device through the SPI, USB, or UART
transports, or using external NVRAM. The device can also support the integration of user applications and
profiles using an external serial flash memory.
Note:
The BCM20705A1KWFBG part only contains 384 KB of ROM and 112 KB of RAM.


Numéro de pièce similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20705B0KWFBG CYPRESS-CYW20705B0KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Description similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com