Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20705B0KWFBGT Fiches technique(PDF) 51 Page - Cypress Semiconductor

No de pièce CYW20705B0KWFBGT
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705B0KWFBGT Fiches technique(HTML) 51 Page - Cypress Semiconductor

Back Button CYW20705B0KWFBGT Datasheet HTML 47Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 48Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 49Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 50Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 51Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 52Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 53Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 54Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
RF Specifications
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 50
RF Specifications
Table 18: Receiver RF Specificationsa, b
Parameter
Conditions
Minimum Typical c
Maximum Unit
General
Frequency range
2402
2480
MHz
RX sensitivity d
GFSK, 0.1% BER, 1 Mbps
–89
–85
dBm
/4-DQPSK, 0.01% BER,
2 Mbps
–91
–85
dBm
8-DPSK, 0.01% BER, 3 Mbps –
–86
–81
dBm
Maximum input
GFSK, 1 Mbps
–20
dBm
Maximum input
/4-DQPSK, 8-DPSK, 2/
3 Mbps
––
–20
dBm
Interference Performance
C/I cochannel
GFSK, 0.1% BER
11
dB
C/I 1 MHz adjacent channel
GFSK, 0.1% BER
0
dB
C/I 2 MHz adjacent channel
GFSK, 0.1% BER
–30.0
dB
C/I > 3 MHz adjacent channel
GFSK, 0.1% BER
–40.0
dB
C/I image channel
GFSK, 0.1% BER
–9.0
dB
C/I 1 MHz adjacent to image
channel
GFSK, 0.1% BER
–20.0
dB
C/I cochannel
/4-DQPSK, 0.1% BER
13
dB
C/I 1 MHz adjacent channel
/4-DQPSK, 0.1% BER
0
dB
C/I 2 MHz adjacent channel
/4-DQPSK, 0.1% BER
–30.0
dB
C/I > 3 MHz adjacent channel
8-DPSK, 0.1% BER
–40.0
dB
C/I image channel
/4-DQPSK, 0.1% BER
–7.0
dB
C/I 1 MHz adjacent to image
channel
/4-DQPSK, 0.1% BER
–20.0
dB
C/I cochannel
8-DPSK, 0.1% BER
21
dB
C/I 1 MHz adjacent channel
8-DPSK, 0.1% BER
5
dB
C/I 2 MHz adjacent channel
8-DPSK, 0.1% BER
–25.0
dB
C/I > 3 MHz adjacent channel
8-DPSK, 0.1% BER
–33.0
dB
C/I Image channel
8-DPSK, 0.1% BER
0
dB
C/I 1 MHz adjacent to image
channel
8-DPSK, 0.1% BER
–13.0
dB
Out-of-Band Blocking Performance (CW) e
30 MHz–2000 MHz
0.1% BER
–10.0
dBm
2000–2399 MHz
0.1% BER
–27
dBm
2498–3000 MHz
0.1% BER
–27
dBm
3000 MHz–12.75 GHz
0.1% BER
–10.0
dBm


Numéro de pièce similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20705B0KWFBG CYPRESS-CYW20705B0KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Description similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com