Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM20705 Fiches technique(PDF) 35 Page - Cypress Semiconductor

No de pièce BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Fiches technique(HTML) 35 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 31Page - Cypress Semiconductor BCM20705 Datasheet HTML 32Page - Cypress Semiconductor BCM20705 Datasheet HTML 33Page - Cypress Semiconductor BCM20705 Datasheet HTML 34Page - Cypress Semiconductor BCM20705 Datasheet HTML 35Page - Cypress Semiconductor BCM20705 Datasheet HTML 36Page - Cypress Semiconductor BCM20705 Datasheet HTML 37Page - Cypress Semiconductor BCM20705 Datasheet HTML 38Page - Cypress Semiconductor BCM20705 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
SPI
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 34
SPI
The BCM20705 supports a slave SPI HCI transport with an input clock range of up to 16 MHz. Higher clock
rates may be possible. The physical interface between the SPI master and the BCM20705 consists of the four
SPI signals (SPI_CSB, SPI_CLK, SPI_SI, and SPI_SO) and one interrupt signal (SPI_INT). The BCM20705
can be configured to accept active-low or active-high polarity on the SPI_CSB chip select signal. It can also be
configured to drive an active-low or active-high SPI_INT interrupt signal. Bit ordering on the SPI_SI and
SPI_SO data lines can be configured as either little-endian or big-endian. Additionally, proprietary sleep mode,
half-duplex handshaking is implemented between the SPI master and the BCM20705.
SPI_INT is required to negotiate the start of a transaction. The SPI interface does not require flow control in the
middle of a payload. The FIFO is large enough to handle the largest packet size. Only the SPI master can stop
the flow of bytes on the data lines, since it controls SPI_CSB and SPI_CLK. Flow control should be implemented
in higher layer protocols.
Simultaneous UART Transport and Bridging
The BCM20705 supports UART or USB interfaces that can function as the host controller interface (HCI).
Typically, a customer application would choose one of the two interfaces and the other would be idle. The
BCM20705 allows the UART transport to operate simultaneously with the USB. To operate this way, the
assumption is that the USB would function as the primary host transport, while the UART would function as a
secondary communication channel that can operate at the same time. This can enable the following
applications:
• Bridging primary HCI transport traffic to another device via the UART
• Generic communication to an external device for a vendor-supported application via the UART
Simultaneous UART transport and bridging is enabled by including:
• Two dedicated 64-byte FIFOs, one for the input and one for the output
• Additional DMA channels
• Additional vendor-supported commands over the HCI transport


Numéro de pièce similaire - BCM20705

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20705 CYPRESS-BCM20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705A1KWFBG CYPRESS-BCM20705A1KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705B0KWFBG CYPRESS-BCM20705B0KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Description similaire - BCM20705

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com