Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BFP720F Datasheet(Fiches technique) 14 Page - Infineon Technologies AG

Numéro de pièce BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo 

 14 page
background image
BFP720F
Electrical Characteristics
Data Sheet
14
Revision 1.1, 2012-10-25
Table 5-4
AC Characteristics
, V
CE = 3 V, f = 450 MHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
Low noise operation point
High linearity operation point
Gms
Gms
29
32.5
dB
IC =5mA
IC =13mA
Transducer Gain
Low noise operation point
High linearity operation point
S21
S21
22.5
28.5
dB
ZS = ZL = 50
IC =5mA
IC =13mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
0.4
27.5
dB
ZS = Zopt
IC =5mA
IC =5mA
Linearity
1 dB gain compression point
3rd order intercept point
OP1dB
OIP3
5.5
21.5
dBm
ZS = ZL = 50
IC =13mA
IC =13mA
Table 5-5
AC Characteristics
, V
CE = 3 V, f = 900 MHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
Low noise operation point
High linearity operation point
Gms
Gms
26.5
29.5
dB
IC =5mA
IC =13mA
Transducer Gain
Low noise operation point
High linearity operation point
S21
S21
22.5
27.5
dB
ZS = ZL = 50
IC =5mA
IC =13mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
0.45
25.5
dB
ZS = Zopt
IC =5mA
IC =5mA
Linearity
1 dB gain compression point
3rd order intercept point
OP1dB
OIP3
5.5
20.5
dBm
ZS = ZL = 50
IC =13mA
IC =13mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl