Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFP740ESD Fiches technique(PDF) 9 Page - Infineon Technologies AG

No de pièce BFP740ESD
Description  Robust Low Noise Silicon Germanium Bipolar RF Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP740ESD Fiches technique(HTML) 9 Page - Infineon Technologies AG

Back Button BFP740ESD Datasheet HTML 5Page - Infineon Technologies AG BFP740ESD Datasheet HTML 6Page - Infineon Technologies AG BFP740ESD Datasheet HTML 7Page - Infineon Technologies AG BFP740ESD Datasheet HTML 8Page - Infineon Technologies AG BFP740ESD Datasheet HTML 9Page - Infineon Technologies AG BFP740ESD Datasheet HTML 10Page - Infineon Technologies AG BFP740ESD Datasheet HTML 11Page - Infineon Technologies AG BFP740ESD Datasheet HTML 12Page - Infineon Technologies AG BFP740ESD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BFP740ESD
Maximum Ratings
Data Sheet
9
Revision 1.1, 2012-10-08
3
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 3-1
Maximum Ratings at
T
A = 25 °C (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Max.
Collector emitter voltage
VCEO
Open base
–4.2
V
TA = 25 °C
–3.7
V
TA = -55 °C
Collector emitter voltage1)
1) Low VCBO due to integrated protection circuits
VCBO
Open emitter
–4.9
V
TA = 25 °C
–4.4
V
TA = -55 °C
Collector emitter voltage2)
2) VCES is identical to VCEO due to integrated protection circuits.
VCES
E-B short circuited
–4.2
V
TA = 25 °C
–3.7
V
TA = -55 °C
Base current3)
3) Sustainable reverse bias current is high due to integrated protection circuits.
IB
-10
5
mA
Collector current
IC
–45
mA
RF input power4)
4) RF input power is high due to integrated protection circuits.
PRFin
–21
dBm
ESD stress pulse5)
5) ESD robustness is high due to integrated protection circuits.
VESD
-2
2
kV
HBM, all pins, acc. to
JESD22-A114
Total power dissipation6)
6) TS is the soldering point temperature. TS is measured on the emitter lead at the soldering point of the pcb.
Ptot
–160
mW
TS ≤ 98 °C
Junction temperature
TJ
–150
°C
Storage temperature
TStg
-55
150
°C


Numéro de pièce similaire - BFP740ESD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFP740ESD INFINEON-BFP740ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP740ESDH6327XTSA1 INFINEON-BFP740ESDH6327XTSA1 Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
More results

Description similaire - BFP740ESD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFP720FESD INFINEON-BFP720FESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP840FESD INFINEON-BFP840FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-03
BFP640FESD INFINEON-BFP640FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-09-19
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFR840L3RHESD INFINEON-BFR840L3RHESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-09
BFP842ESD INFINEON-BFP842ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-04-11
BFP840ESD INFINEON-BFP840ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-03-28
BFP740FESD INFINEON-BFP740FESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-11
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com