Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFP740FESD Fiches technique(PDF) 25 Page - Infineon Technologies AG

No de pièce BFP740FESD
Description  Robust Low Noise Silicon Germanium Bipolar RF Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP740FESD Fiches technique(HTML) 25 Page - Infineon Technologies AG

Back Button BFP740FESD_12 Datasheet HTML 20Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 21Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 22Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 23Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 24Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 25Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 26Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 27Page - Infineon Technologies AG BFP740FESD_12 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
BFP740FESD
Electrical Characteristics
Data Sheet
25
Revision 1.2, 2012-10-11
Figure 5-17 Noise Figure
NF
min = f (IC), VCE = 3 V, ZS = Zopt, f = Parameter in GHz
Figure 5-18 Noise Figure
NF
50 = f (IC), VCE = 3 V, ZS = 50 Ω, f = Parameter in GHz
Note: The curves shown in this chapter have been generated using typical devices but shall not be considered as
a guarantee that all devices have identical characteristic curves.
TA =25°C
0
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
I
c
[mA]
f = 0.45GHz
f = 10GHz
f = 2.4GHz
f = 5.5GHz
0
5
10
15
20
25
30
35
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
I
c
[mA]
f = 0.45GHz
f = 10GHz
f = 2.4GHz
f = 5.5GHz


Numéro de pièce similaire - BFP740FESD_12

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFP740FESD INFINEON-BFP740FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
More results

Description similaire - BFP740FESD_12

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFP720FESD INFINEON-BFP720FESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP840FESD INFINEON-BFP840FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-03
BFP640FESD INFINEON-BFP640FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-09-19
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFR840L3RHESD INFINEON-BFR840L3RHESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-09
BFP740ESD INFINEON-BFP740ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-08
BFP842ESD INFINEON-BFP842ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-04-11
BFP840ESD INFINEON-BFP840ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-03-28
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com