Moteur de recherche de fiches techniques de composants électroniques |
|
FAB1204020 Fiches technique(PDF) 1 Page - Power System Technology |
|
FAB1204020 Fiches technique(HTML) 1 Page - Power System Technology |
1 / 4 page FEATURES 200 x 160 x 38 mm Vin : 90-264Vac 5 Outputs Pout max : 350W Fan cooled 2m/s min. RoHS compliant APPLICATIONS Industrial and hard environment FAB1204020 1/4 Rev. 00 INPUT Voltage range : 90-264Vac Frequency : 47 - 440 Hz Input protection : Transient and surges MIL-STD461 CS101, CS114, CS116 Overcurrent: by Fuse OUTPUT Voltage : V1 : 28,5Vuns / 3,1A V4 : 3,45V / 21,8A V2 : 28.5Vswi / 4A V5 : 12,3V / 6,1A V3 : 5,25V/ 20A Power : 350W at 65°C with fan cooled 2m/s. Derating 2,5W/°C at 115Vac when T°>40°C Current limit, short circuit : protected on every output Overvoltage : protected on every output V2, V3, V4, V5 are switched outputs Typ. Line regulation Load regulation Ripple and noise Current limit +/- 0,2 % +/- 0,4 % 0,5 % 115 % of I nom. Low line to high line ; full load 0 % to full load Peak to peak - Bandwidth 20MHz according to o/p voltage Vout = 95% of nominal ; Automatic restart +/-1 % +/- 1 % 1,5 % V4 = 2 % 135 % of I nom. V 1, V2, V3, V4, V5 Conditions Max. RoHS |
Numéro de pièce similaire - FAB1204020 |
|
Description similaire - FAB1204020 |