Moteur de recherche de fiches techniques de composants électroniques |
|
SZ5-M0-WW-C8 Fiches technique(PDF) 22 Page - Seoul Semiconductor |
|
SZ5-M0-WW-C8 Fiches technique(HTML) 22 Page - Seoul Semiconductor |
22 / 24 page www.seoulsemicon.com Product Data Sheet SZ5-M0-WX-XX - High-power LED “제품 명 – 제품 군” 을 기입하십시오. 제품 군은 홈페이지 응용분야 분류기준을 참고한다. (예) SZ5M0WWC9 – High-power LED 22 글씨체는 : Arial, 10pt Revision numbering 기준: • 가스펙은 0.0 부터 시작 0.x…. • Final 승인원: 1.0 부터 시작 • 기존에서 일부 수정: +0.1 • 새로운 Data 추가 /또는 기존 것 삭제: +1.0 수정일자 표기형식; YYYY-MM-DD (예) 2013-04-01 Rev2.1 Precaution for Use (13) VOCs (Volatile organic compounds) emitted from materials used in the construction of fixtures ca n penetrate silicone encapsulants of LEDs and discolor when exposed to heat and photonic energy. T he result can be a significant loss of light output from the fixture. Knowledge of the properties of the m aterials selected to be used in the construction of fixtures can help prevent these issues. (14) The slug is electrically isolated. (15) Attaching LEDs, do not use adhesives that outgas organic vapor. (16) The driving circuit must be designed to allow forward voltage only when it is ON or OFF. If the rev erse voltage is applied to LED, migration can be generated resulting in LED damage. (17) LEDs are sensitive to Electro-Static Discharge (ESD) and Electrical Over Stress (EOS). Below is a list of suggestions that Seoul Semiconductor purposes to minimize these effects. a. ESD (Electro Static Discharge) Electrostatic discharge (ESD) is the defined as the release of static electricity when two objects come into contact. While most ESD events are considered harmless, it can be an expensive problem in many industrial environments during production and storage. The damage from ESD to an LEDs may cause the product to demonstrate unusual characteristics such as: - Increase in reverse leakage current lowered turn-on voltage - Abnormal emissions from the LED at low current The following recommendations are suggested to help minimize the potential for an ESD event. One or more recommended work area suggestions: - Ionizing fan setup - ESD table/shelf mat made of conductive materials - ESD safe storage containers One or more personnel suggestion options: - Antistatic wrist-strap - Antistatic material shoes - Antistatic clothes Environmental controls: - Humidity control (ESD gets worse in a dry environment) |
Numéro de pièce similaire - SZ5-M0-WW-C8 |
|
Description similaire - SZ5-M0-WW-C8 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |