Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMJF-2D16W4PE Fiches technique(PDF) 14 Page - Seoul Semiconductor

No de pièce SMJF-2D16W4PE
Description  Connects directly to AC line voltage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJF-2D16W4PE Fiches technique(HTML) 14 Page - Seoul Semiconductor

Back Button SMJF-2D16W4PE Datasheet HTML 10Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 11Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 12Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 13Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 14Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 15Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 16Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 17Page - Seoul Semiconductor SMJF-2D16W4PE Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Rev1.2, Apr 1, 2016
www.seoulsemicon.com
Product Data Sheet
SMJF-2D16W4PX - Acrich3 16.6W
14
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Bin
x
y
Bin
x
y
Bin
x
y
Bin
x
y
E11
0.3736
0.3874
E21
0.3804
0.3917
E31
0.3871
0.3959
E41
0.3939
0.4002
0.3720
0.3800
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3979
0.3962
0.3804
0.3917
0.3871
0.3959
0.3939
0.4002
0.4006
0.4044
E12
0.3720
0.3800
E22
0.3784
0.3841
E32
0.3849
0.3881
E42
0.3914
0.3922
0.3703
0.3726
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3952
0.3880
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3979
0.3962
E13
0.3703
0.3726
E23
0.3765
0.3765
E33
0.3828
0.3803
E43
0.3890
0.3842
0.3687
0.3652
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3925
0.3798
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3952
0.3880
E14
0.3687
0.3652
E24
0.3746
0.3689
E34
0.3806
0.3725
E44
0.3865
0.3762
0.3670
0.3578
0.3727
0.3613
0.3784
0.3647
0.3841
0.3682
0.3727
0.3613
0.3784
0.3647
0.3841
0.3682
0.3898
0.3716
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3925
0.3798
EM
0.36
0.37
0.38
0.39
0.40
0.35
0.36
0.37
0.38
0.39
0.40
0.41
E44
E43
E42
E41
E34
E33
E32
E31
E24
E23
E22
E21
E14
E13
E12
4000K
E11
3700K
4200K
x


Numéro de pièce similaire - SMJF-2D16W4PE

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJF-2D16W4P3 SEOUL-SMJF-2D16W4P3 Datasheet
1Mb / 24P
   Integrated AC LED Solution
SMJF-2D16W4P8 SEOUL-SMJF-2D16W4P8 Datasheet
1Mb / 24P
   Integrated AC LED Solution
SMJF-2D16W4PX SEOUL-SMJF-2D16W4PX Datasheet
1Mb / 24P
   Integrated AC LED Solution
More results

Description similaire - SMJF-2D16W4PE

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com