Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMJD-3D12W4P8 Fiches technique(PDF) 14 Page - Seoul Semiconductor

No de pièce SMJD-3D12W4P8
Description  Connects directly to AC line voltage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-3D12W4P8 Fiches technique(HTML) 14 Page - Seoul Semiconductor

Back Button SMJD-3D12W4P8 Datasheet HTML 10Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 11Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 12Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 13Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 14Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 15Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 16Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 17Page - Seoul Semiconductor SMJD-3D12W4P8 Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
14
SMJD-XD12W4PX - Acrich3 13W
Rev1.3, Apr 1, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Bin
x
y
Bin
x
y
Bin
x
y
Bin
x
y
G11
0.4299
0.4165
G21
0.4364
0.4188
G31
0.4430
0.4212
G41
0.4496
0.4236
0.4261
0.4077
0.4324
0.4099
0.4387
0.4122
0.4451
0.4145
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4514
0.4168
0.4365
0.4189
0.4430
0.4212
0.4496
0.4236
0.4562
0.4260
G12
0.4261
0.4077
G22
0.4324
0.4100
G32
0.4387
0.4122
G42
0.4451
0.4145
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4515
0.4168
G13
0.4223
0.3990
G23
0.4284
0.4011
G33
0.4345
0.4033
G43
0.4406
0.4055
0.4185
0.3902
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4420
0.3985
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
G14
0.4243
0.3922
G24
0.4302
0.3943
G34
0.4302
0.3943
G44
0.4361
0.3964
0.4203
0.3834
0.4259
0.3853
0.4259
0.3853
0.4316
0.3873
0.4147
0.3814
0.4203
0.3834
0.4316
0.3873
0.4373
0.3893
0.4185
0.3902
0.4243
0.3922
0.4361
0.3964
0.4420
0.3985
GM
0.41
0.42
0.43
0.44
0.45
0.46
0.38
0.39
0.40
0.41
0.42
0.43
G44
G43
G42
G41
G34
G33
G32
G31
G24
G23
G22
G21
G14
G13
G12
3000K
G11
2900K
3200K
x


Numéro de pièce similaire - SMJD-3D12W4P8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-3D12W4PD SEOUL-SMJD-3D12W4PD Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-3D12W4PD SEOUL-SMJD-3D12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-3D12W4PE SEOUL-SMJD-3D12W4PE Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-3D12W4PE SEOUL-SMJD-3D12W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

Description similaire - SMJD-3D12W4P8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com