Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMJD-3D12W4P3 Fiches technique(PDF) 8 Page - Seoul Semiconductor

No de pièce SMJD-3D12W4P3
Description  Connects directly to AC line voltage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-3D12W4P3 Fiches technique(HTML) 8 Page - Seoul Semiconductor

Back Button SMJD-3D12W4P3 Datasheet HTML 4Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 5Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 6Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 7Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 8Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 9Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 10Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 11Page - Seoul Semiconductor SMJD-3D12W4P3 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
8
SMJD-XD12W4PX - Acrich3 13W
Rev1.3, Apr 1, 2016
Characteristic Graph
Product Data Sheet
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 4. Relative Luminous Flux vs. Voltage, T
a =25℃, 120V
Fig 5. Relative Luminous Flux vs. Voltage, T
a =25℃, 220V
0.6
0.8
1
1.2
1.4
1.6
100
110
120
130
140
150
160
Voltage[RMS,V]
Relative Luminous flux vs. Forward Voltage, Ta=25oC
All Color Temperatures
0.6
0.8
1
1.2
1.4
1.6
200
210
220
230
240
250
260
Voltage[RMS,V]
Relative Luminous flux vs. Forward Voltage, Ta=25oC
All Color Temperatures


Numéro de pièce similaire - SMJD-3D12W4P3

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-3D12W4PD SEOUL-SMJD-3D12W4PD Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-3D12W4PD SEOUL-SMJD-3D12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-3D12W4PE SEOUL-SMJD-3D12W4PE Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-3D12W4PE SEOUL-SMJD-3D12W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

Description similaire - SMJD-3D12W4P3

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com