Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S2-SAW8Q24D Fiches technique(PDF) 30 Page - Seoul Semiconductor

No de pièce S2-SAW8Q24D
Description  Market Standard 5630 Package Size
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

S2-SAW8Q24D Fiches technique(HTML) 30 Page - Seoul Semiconductor

Back Button S2-SAW8Q24D Datasheet HTML 23Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 24Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 25Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 26Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 27Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 28Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 29Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 30Page - Seoul Semiconductor S2-SAW8Q24D Datasheet HTML 31Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
S2-SAW8Q24D
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
30
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.0, Sep 12, 2016
Precaution for Use
SSC
표준화결론(개선후)
TOP & SIDETOP & SIDE
MSL (Moisture Sensitive Level)
LEVEL 3
LEVEL 2a
1. Shelf life in Sealing bag
저장기한
(
실링백 상태로)
Months
개월
12
개월
12
개월
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(maximum)
습도 (미만)
50%RH
50%RH
2. Peak package body temperature
(
제품 최대 온도)
240℃
240℃
3. After this bag is
opened
실링백 개봉 후 조건
hours
시간 (이내)
168 hours
(7days)
672 hours
(28days)
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(less than)
습도 (미만)-규격
Limit
성격
60%RH
60%RH
Stored
저장조건(미만)
10%RH
10%RH
4. Devices require bake,
before mounting, if:
사용 전 Baking 검사
a. Humiduty
Indicator Card
30%RH
30%RH
Temperature
온도 조건에서
23
±5℃
23
±5℃
b. is not met.
MSL Level (
미만)
3
3
5. If baking is required,
건조(baking) 조건
hours
시간 (이내)
10~24
hours
10~24
hours
Temperature
온도 조건
65
±5℃
65
±5℃
Humidity
(less than)
습도조건 (미만)
10%RH
10%RH
<PKG용>
- 제품에 해당하는 내용 추가 및 수정하십시오.
b. EOS (Electrical Over Stress)
Electrical Over-Stress (EOS) is defined as damage that may occur when an electronic device is
subjected to a current or voltage that is beyond the maximum specification limits of the device.
The effects from an EOS event can be noticed through product performance like:
- Changes to the performance of the LED package
(If the damage is around the bond pad area and since the package is completely encapsulated
the package may turn on but flicker show severe performance degradation.)
- Changes to the light output of the luminaire from component failure
- Components on the board not operating at determined drive power
Failure of performance from entire fixture due to changes in circuit voltage and current across total
circuit causing trickle down failures. It is impossible to predict the failure mode of every LED exposed
to electrical overstress as the failure modes have been investigated to vary, but there are some
common signs that will indicate an EOS event has occurred:
- Damaged may be noticed to the bond wires (appearing similar to a blown fuse)
- Damage to the bond pads located on the emission surface of the LED package
(shadowing can be noticed around the bond pads while viewing through a microscope)
- Anomalies noticed in the encapsulation and phosphor around the bond wires.
- This damage usually appears due to the thermal stress produced during the EOS event.
c. To help minimize the damage from an EOS event Seoul Semiconductor recommends utilizing:
- A surge protection circuit
- An appropriately rated over voltage protection device
- A current limiting device


Numéro de pièce similaire - S2-SAW8Q24D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S2-SL2-4F0-930 ETC-S2-SL2-4F0-930 Datasheet
523Kb / 8P
   SERVICE MANUAL
logo
Seoul Semiconductor
S2-STW8C2SB SEOUL-S2-STW8C2SB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
S2-STW9C2SB SEOUL-S2-STW9C2SB Datasheet
1Mb / 25P
   Achieving the best system cost in Mid/High Power
More results

Description similaire - S2-SAW8Q24D

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
STW8A2PD SEOUL-STW8A2PD Datasheet
1Mb / 31P
   Market Standard 3528 Package Size
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
   Market Standard 3528 Package Size
SAW9A32E SEOUL-SAW9A32E Datasheet
1Mb / 31P
   Market Standard 3528 Package Size
STW9A12D SEOUL-STW9A12D Datasheet
1Mb / 27P
   Market Standard 3528 Package Size
logo
A-BRIGHT Inc
62-217BSW1C1 A-BRIGHT-62-217BSW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2 Datasheet
657Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
636Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power White Surface Mount Device
62-217BUW1C2 A-BRIGHT-62-217BUW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power White Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com