Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4551B Fiches technique(PDF) 3 Page - Rohm

No de pièce BU4551B
Description  Quad 2ch Analog Multiplexer/Demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4551B Fiches technique(HTML) 3 Page - Rohm

  BU4551B_15 Datasheet HTML 1Page - Rohm BU4551B_15 Datasheet HTML 2Page - Rohm BU4551B_15 Datasheet HTML 3Page - Rohm BU4551B_15 Datasheet HTML 4Page - Rohm BU4551B_15 Datasheet HTML 5Page - Rohm BU4551B_15 Datasheet HTML 6Page - Rohm BU4551B_15 Datasheet HTML 7Page - Rohm BU4551B_15 Datasheet HTML 8Page - Rohm BU4551B_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/16
TSZ02201-0RDR0GZ00310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4551B BU4551BF BU4551BFV
Block Diagram
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
(VSS-0.3) to (VSS+18.0)
V
Input Voltage
VIN
(VSS-0.3) to (VDD+0.3)
V
Input Current
IIN
±
10
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
Power Dissipation
PD
DIP16
1.25
(Note 1)
W
SOP16
0.62
(Note 2)
SSOP-B16
0.87
(Note 3)
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 10.0mW per 1°C above 25°C
(Note 2) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.0mW per 1°C above 25°C
(Note 3) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 7.0mW per 1°C above 25°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins
or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding
a fuse, in case the IC is operated over the absolute maximum ratings.
Recommended Operating Conditions (TA= -40°C to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.0
-
16
V
Input Voltage
VIN
VSS
-
VDD
V
CONTROL
LEVEL
CONVERTER
VSS
VEE
W0
W1
X0
X1
Y0
Y1
Z0
Z1
VDD
COMMON W
COMMON X
COMMON Y
COMMON Z
CONTROL


Numéro de pièce similaire - BU4551B_15

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551BF ROHM-BU4551BF Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
BU4551BF ROHM-BU4551BF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BF ROHM-BU4551BF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4551B_15

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com