Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1020HFV Fiches technique(PDF) 3 Page - Rohm

No de pièce BD1020HFV
Description  Temperature Sensor IC Analog Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1020HFV Fiches technique(HTML) 3 Page - Rohm

  BD1020HFV_15 Datasheet HTML 1Page - Rohm BD1020HFV_15 Datasheet HTML 2Page - Rohm BD1020HFV_15 Datasheet HTML 3Page - Rohm BD1020HFV_15 Datasheet HTML 4Page - Rohm BD1020HFV_15 Datasheet HTML 5Page - Rohm BD1020HFV_15 Datasheet HTML 6Page - Rohm BD1020HFV_15 Datasheet HTML 7Page - Rohm BD1020HFV_15 Datasheet HTML 8Page - Rohm BD1020HFV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BD1020HFV
3/9
TSZ02201-0M2M0F515090-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
Figure 1. Output Voltage vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20
40 60
80 100
Ta [℃]
VDD=3V
Temperature : Ta [°C]
Figure 2. Supply Current vs Supply Voltage
0.0
2.0
4.0
6.0
8.0
0
1
2
3
4
5
6
7
VDD [V]
Ta=25°C
Supply Voltage : VDD [V]
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
VDD [V]
Ta=25°C
Figure 3. Output Voltage vs Supply Voltage
Supply Voltage : VDD [V]
0.0
1.0
2.0
3.0
-3
-2
-1
0
1
2
3
IOUT [uA]
Sink
Source
VDD=3V, Ta=25°C
Output Current : IOUT [µA]
Figure 4. Output Voltage vs Output Current


Numéro de pièce similaire - BD1020HFV_15

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
More results

Description similaire - BD1020HFV_15

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
logo
Maxim Integrated Produc...
DS600 MAXIM-DS600 Datasheet
73Kb / 4P
   0.5 Accurate Analog-Output Temperature Sensor
REV: 040804
DS600 MAXIM-DS600_07 Datasheet
193Kb / 5P
   ±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com