Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP05BKS-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce TMP05BKS-REEL
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP05BKS-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button TMP05BKS-REEL Datasheet HTML 6Page - Analog Devices TMP05BKS-REEL Datasheet HTML 7Page - Analog Devices TMP05BKS-REEL Datasheet HTML 8Page - Analog Devices TMP05BKS-REEL Datasheet HTML 9Page - Analog Devices TMP05BKS-REEL Datasheet HTML 10Page - Analog Devices TMP05BKS-REEL Datasheet HTML 11Page - Analog Devices TMP05BKS-REEL Datasheet HTML 12Page - Analog Devices TMP05BKS-REEL Datasheet HTML 13Page - Analog Devices TMP05BKS-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
10
9
8
7
6
5
4
3
2
1
0
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
VDD = 3.3V
OUT PIN LOADED WITH 10k
Figure 6. PWM Output Frequency vs. Temperature
8.37
8.36
8.35
8.34
8.33
8.32
8.31
8.30
8.29
3.0
5.4
5.1
4.8
4.5
4.2
3.9
3.6
3.3
SUPPLY VOLTAGE (V)
OUT PIN LOADED WITH 10k
AMBIENT TEMPERATURE = 25
°C
Figure 7. PWM Output Frequency vs. Supply Voltage
140
120
100
80
60
40
20
0
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
VDD = 3.3V
OUT PIN LOADED WITH 10k
TL TIME
TH TIME
Figure 8. TH and TL Times vs. Temperature
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
CLOAD = 100pF
TIME (ns)
Figure 9. TMP05 Output Rise Time at 25°C
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
CLOAD = 100pF
TIME (ns)
Figure 10. TMP05 Output Fall Time at 25°C
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
RPULLUP = 1kΩ
RLOAD = 10 kΩ
CLOAD = 100pF
TIME (ns)
Figure 11. TMP06 Output Fall Time at 25°C


Numéro de pièce similaire - TMP05BKS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Description similaire - TMP05BKS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com