Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3474AIDRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TL3474AIDRG4
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL3474AIDRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TL3474AIDRG4 Datasheet HTML 3Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 4Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 5Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 6Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 7Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 8Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 9Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 10Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TL3474, TL3474A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLVS461B – JANUARY 2003 – REVISED JULY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (TA = 25°C UNLESS OTHERWISE NOTED)
0
2
4
6
8
10
12
14
16
18
20
4
9
14
19
24
29
34
TA = 25°C
TA = 125°C
TA = –55°C
Figure 5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
TA – Temperature – °C
OFFSET VOLTAGE DRIFT
vs
TEMPERATURE
Figure 6
–55
–25
0
25
50
75
100
125
VCC
± = ±15 V
VCM = 0 V
0.6
0.8
1
1.2
1.4
–14
–10
–6
–22
6
10
14
Figure 7
NORMALIZED INPUT BIAS CURRENT
vs
INPUT COMMON-MODE VOLTAGE
VIC – Input Common-Mode Voltage – V
VCC
± = ±15 V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
–25
0
25
50
75
100
125
–55
TA – Temperature – °C
NORMALIZED SLEW RATE
vs
TEMPERATURE
Figure 8
VCC
± = ±15 V
AV = 1
RL = 2 k
CL = 500 pF


Numéro de pièce similaire - TL3474AIDRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3474AIDRG4 TI-TL3474AIDRG4 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Description similaire - TL3474AIDRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com