Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP0620 Fiches technique(PDF) 2 Page - Supertex, Inc

No de pièce TP0620
Description  P-Channel Enhancement-Mode Vertical DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0620 Fiches technique(HTML) 2 Page - Supertex, Inc

  TP0620_13 Datasheet HTML 1Page - Supertex, Inc TP0620_13 Datasheet HTML 2Page - Supertex, Inc TP0620_13 Datasheet HTML 3Page - Supertex, Inc TP0620_13 Datasheet HTML 4Page - Supertex, Inc TP0620_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-TP0620
C081313
TP0620
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
DSS
Drain-to-source breakdown voltage
-200
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(th)
Gate threshold voltage
-1.0
-
-2.4
V
V
GS = VDS, ID= -1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
-4.5 mV/OC V
GS = VDS, ID= -1.0mA
I
GSS
Gate body leakage
-
-
-100
nA
V
GS = ± 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-10
µA
V
GS = 0V, VDS = Max Rating
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
ON-state drain current
-0.25
-
-
A
V
GS = -5.0V, VDS = -25V
-0.75
-
-
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source on-state resistance
-
9.0
15
Ω
V
GS = -5.0V, ID = -100mA
-
7.0
12
V
GS = -10V, ID = -200mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.7
%/OC V
GS = -10V, ID = -200mA
G
FS
Forward transductance
100
150
-
mmho V
DS = -25V, ID = -400mA
C
ISS
Input capacitance
-
85
150
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
30
85
C
RSS
Reverse transfer capacitance
-
10
35
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD = -25V,
I
D = -750mA,
R
GEN = 25Ω
t
r
Rise time
-
-
15
t
d(OFF)
Turn-off delay time
-
-
20
t
f
Fall time
-
-
16
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -500mA
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -500mA
Notes:
1.
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Notes:
† I
D (continuous) is limited by max rated Tj .
Thermal Characteristics
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
f
t
r
INPUT
R
GEN
INPUT
OUTPUT
0V
VDD
0V
-10V
Package
I
D
(continuous)
I
D
(pulsed)
Power Dissipation
@T
A = 25
O
C
I
DR
I
DRM
TO-92
-175mA
-800mA
1.0W
-175mA
-800mA


Numéro de pièce similaire - TP0620_13

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
TP0620N3 SUTEX-TP0620N3 Datasheet
477Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP0620N3G MICROCHIP-TP0620N3G Datasheet
312Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
More results

Description similaire - TP0620_13

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com