Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP0620 Fiches technique(PDF) 1 Page - Supertex, Inc

No de pièce TP0620
Description  P-Channel Enhancement-Mode Vertical DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0620 Fiches technique(HTML) 1 Page - Supertex, Inc

  TP0620_13 Datasheet HTML 1Page - Supertex, Inc TP0620_13 Datasheet HTML 2Page - Supertex, Inc TP0620_13 Datasheet HTML 3Page - Supertex, Inc TP0620_13 Datasheet HTML 4Page - Supertex, Inc TP0620_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TP0620
C081313
TP0620
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTP
0620
YYWW
Features
Low threshold (-2.4V max.)
High input impedance
Low input capacitance (85pF typical)
Fast switching speeds
Low on-resistance
Free from secondary breakdown
Low input and output leakage
Applications
Logic level interfaces - ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drives
Analog switches
General purpose line drivers
Telecom switches
General Description
This low threshold, enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven, silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and the high input impedance
and positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
P-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Pin Configuration
TO-92
GATE
SOURCE
DRAIN
TO-92
Product Marking
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
TP0620N3-G
3-Lead TO-92
1000/Bag
TP0620N3-G P002
3-Lead TO-92
2000/Reel
TP0620N3-G P003
TP0620N3-G P005
TP0620N3-G P013
TP0620N3-G P014
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
V
GS(th)
(max)
-200V
12Ω
-0.75A
-2.4V
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.
Typical Thermal Resistance
Package
θ
ja
TO-92
132OC/W


Numéro de pièce similaire - TP0620_13

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
TP0620N3 SUTEX-TP0620N3 Datasheet
477Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP0620N3G MICROCHIP-TP0620N3G Datasheet
312Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
More results

Description similaire - TP0620_13

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com