Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3012-KT Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce SI3012-KT
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI3012-KT Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  SI3012-KT Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Si 30 35
4
Rev. 1.2
Electrical Specifications
Figure 1. Test Circuit for Loop Characteristics
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
K-Grade
0
25
70
°C
Si3021 Supply Voltage, Analog
VA
4.75
5.0
5.25
V
Si3021 Supply Voltage, Digital3
VD
3.0
3.3/5.0
5.25
V
Notes:
1. The Si3035 specifications are guaranteed when the typical application circuit (including component
tolerances) and any Si3021 and any Si3012 are used. See Figure 16 on page 15 for typical application
circuit.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. The digital supply, VD, can operate from either 3.3 V or 5.0 V. The Si3021 supports interface to 3.3 V logic when
operating from 3.3 V. The 3.3 V operation applies to both the serial port and the digital signals
RGDT, OFHK, RESET, M0, and M1.
Table 2. Loop Characteristics
(VA = Charge Pump, VD = +3.3 V ± 0.3 V, TA = 0 to 70°C for K-Grade, Refer to Figure 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL = 20 mA
7.7
V
DC Termination Voltage
VTR
IL = 105 mA
12
V
DC Ring Current (with caller ID)
IRDC
——
1
mA
DC Ring Current (w/o caller ID)
IRDC
——
20
µA
AC Termination Impedance
ZACT
—600
Operating Loop Current
ILP
20
120
mA
Loop Current Sense Bits
LCS
LCS = Fh
180
155
mA
Ring Voltage Detect
VRD
13
18
26
VRMS
Ring Frequency
FR
15
68
Hz
On-Hook Leakage Current
ILK
VBAT = –48 V
1
µA
Ringer Equivalence Num. (with caller ID)
REN
1.0
1.67
Ringer Equivalence Num. (w/o caller ID)
REN
0.2
TIP
RING
+
Si3012 VTR
600
10
µF
I
L


Numéro de pièce similaire - SI3012-KT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3012-KT ETC1-SI3012-KT Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Description similaire - SI3012-KT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com