Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBXDBA019LN1TAG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce NBXDBA019LN1TAG
Description  3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBA019LN1TAG Fiches technique(HTML) 1 Page - ON Semiconductor

  NBXDBA019LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXDBA019LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXDBA019LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXDBA019LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXDBA019LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXDBA019LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 3
1
Publication Order Number:
NBXDBA019/D
NBXDBA019, NBXHBA019,
NBXSBA019
3.3 V, 125 MHz / 250 MHz
LVPECL Clock Oscillator
The single and dual frequency crystal oscillator (XO) is designed to
meet today’s requirements for 3.3 V LVPECL clock generation
applications. The device uses a high Q fundamental crystal and Phase
Lock Loop (PLL) multiplier to provide selectable 125 MHz or
250 MHz, ultra low jitter and phase noise LVPECL differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000.
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 125 MHz (default) / 250 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − $50 PPM
This is a Pb−Free Device
Applications
Ethernet, Gigabit Ethernet
Infiniband
Base Stations
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL/NC*
OE
CLK CLK
VDD
65
4
12
3
*NBXSBA019 and NBXHBA019 only
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDBA019LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING
DIAGRAMS
125/250
= Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDBA019
125/250
AAWLYYWWG
NBXSBA019LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXHBA019LN1TAG*
CLCC−6
(Pb−Free)
1000/
Tape & Reel
* Please contact sales office for availability
NBXSBA019
250
AAWLYYWWG
NBXHBA019
125
AAWLYYWWG
NBXDBA019LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXSBA019LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXHBA019LNHTAG*
CLCC−6
(Pb−Free)
100/
Tape & Reel


Numéro de pièce similaire - NBXDBA019LN1TAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBXDBA019LN1TAG ONSEMI-NBXDBA019LN1TAG Datasheet
127Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 2
More results

Description similaire - NBXDBA019LN1TAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
   3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA021 ONSEMI-NBXSBA021_09 Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com