Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D00FCFP-E2 Fiches technique(PDF) 2 Page - Rohm

No de pièce D00FCFP-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

D00FCFP-E2 Fiches technique(HTML) 2 Page - Rohm

  D00FCFP-E2 Datasheet HTML 1Page - Rohm D00FCFP-E2 Datasheet HTML 2Page - Rohm D00FCFP-E2 Datasheet HTML 3Page - Rohm D00FCFP-E2 Datasheet HTML 4Page - Rohm D00FCFP-E2 Datasheet HTML 5Page - Rohm D00FCFP-E2 Datasheet HTML 6Page - Rohm D00FCFP-E2 Datasheet HTML 7Page - Rohm D00FCFP-E2 Datasheet HTML 8Page - Rohm D00FCFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Datasheet
Datasheet
2/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Lineup
Articles
Variable
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10.0
12.0
15.0
パッケージ
BDxxFC0WEFJ-E2
○○○○○○
HTSOP-J8
Reel of 2500
BDxxFC0FP-E2
-
-
-
-
-
-
-
-
-
TO252-3
Reel of 2000
BDxxFC0WFP-E2(Note 1)
○○○○○○
TO252-5
Reel of 2000
(Note 1) under development except for Variable
●Typical Application Circuits
Output Voltage Variable Type (With shutdown SW)〉
Figure 1. Typical Application Circuit
Output Voltage Variable Type(With shutdown SW)
Output Voltage Fixed Type (With Shutdown SW)〉
Figure 2. Typical Application Circuit
Output Voltage Fixed Type(With shutdown SW)
Output Voltage Fixed Type (Without Shutdown SW)〉
Figure 3. Typical Application Circuit
Output Voltage Fixed Type (Without Shutdown SW)
Vcc
EN
GND
FB
Vo
CIN
Vcc
R2
R1
Vcc
EN
GND
Vo
COUT
CIN
Vcc
COUT
Vcc
GND
Vo
CIN
Vcc
COUT


Numéro de pièce similaire - D00FCFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
   Durable, rugged construction
More results

Description similaire - D00FCFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com