Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU28JA2MNVX-TL Fiches technique(PDF) 7 Page - Rohm

No de pièce BU28JA2MNVX-TL
Description  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU28JA2MNVX-TL Fiches technique(HTML) 7 Page - Rohm

Back Button BU28JA2MNVX-TL Datasheet HTML 3Page - Rohm BU28JA2MNVX-TL Datasheet HTML 4Page - Rohm BU28JA2MNVX-TL Datasheet HTML 5Page - Rohm BU28JA2MNVX-TL Datasheet HTML 6Page - Rohm BU28JA2MNVX-TL Datasheet HTML 7Page - Rohm BU28JA2MNVX-TL Datasheet HTML 8Page - Rohm BU28JA2MNVX-TL Datasheet HTML 9Page - Rohm BU28JA2MNVX-TL Datasheet HTML 10Page - Rohm BU28JA2MNVX-TL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BUxxJA2MNVX-C series
7/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Figure 12. VOUT - Temp
Reference data
BU33JA2MNVX-C
(Ta=25ºC unless otherwise specified.)
Ta=25°C
Ta=125°C
Ta=-40°C
Figure 11. STBY Threshold
Figure 13. IGND - Temp
Figure 14. IGND - Temp (STBY)
VIN=4.3V
VIN=4.3V
VSTBY=1.5V
IOUT=0.1mA
VIN=4.3V
VSTBY=1.5V
IOUT=0.1mA
VIN=4.3V
VSTBY=0.0V


Numéro de pièce similaire - BU28JA2MNVX-TL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2871FS ROHM-BU2871FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2872AK ROHM-BU2872AK Datasheet
49Kb / 4P
   FL tube driver
BU2878FS ROHM-BU2878FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2879AK ROHM-BU2879AK Datasheet
51Kb / 5P
   FL tube driver
BU2880 ROHM-BU2880 Datasheet
96Kb / 7P
   Digital servo controller for VCRs
More results

Description similaire - BU28JA2MNVX-TL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com