Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2360FV Fiches technique(PDF) 3 Page - Rohm

No de pièce BU2360FV
Description  Clock Generator for Audio/Video Equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Fiches technique(HTML) 3 Page - Rohm

  BU2360FV Datasheet HTML 1Page - Rohm BU2360FV Datasheet HTML 2Page - Rohm BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BU2360FV
3/18
TSZ02201-0E3E0J500670-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Block Diagram
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5 to +7.0
V
Input Voltage
VIN
-0.5 to VDD+0.5
V
Storage Temperature Range
Tstg
-30 to +125
°C
Power Dissipation
Pd
0.45 (Note 1)
W
(Note 1) In the case of exceeding Ta = 25°C, 4.5mW to be reduced per 1°C
(Note) Operating is not guaranteed.
(Note) Power dissipation is measured when the IC is mounted to the printed circuit board.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Supply Voltage
VDD
2.7 to 3.6
V
Input
“H” Voltage
VIH
0.8VDD to VDD
V
Input
“L” Voltage
VIL
0.0 to 0.2VDD
V
Operating Temperature
Topr
-25 to +85
°C
Output Load
CL
15
pF
27M Output Load 1
CL_27M1
40 (CLK27M1)
pF
27M Output Load 2
CL_27M2
25 (CLK27M2)
pF
PLL2
1/6
XTAL
OSC
XTALIN=27.0000MHz
PLL1
1/6
1/4
7:XTALIN
8:XTALOUT
3:CLK27M
1
4:CLK27M
2
15:CLK33M1
13:CLK33M2
10:CLK512FS1
9:CLK512FS2
16:OE
14:FSEL
(27.0000MHz)
(27.0000MHz)
(33.8688MHz)
(33.8688MHz)
(FSEL=OPEN:24.5760MHz
FSEL=L
:22.5792MHz)
(FSEL=OPEN:48.0kHz type
FSEL=L
:44.1kHz type)
(FSEL=OPEN:24.5760MHz
FSEL=L
:22.5792MHz)


Numéro de pièce similaire - BU2360FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

Description similaire - BU2360FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com