Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU12TH5WNVX-1 Fiches technique(PDF) 3 Page - Rohm

No de pièce BU12TH5WNVX-1
Description  FULL CMOS LDO Regulator (500mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU12TH5WNVX-1 Fiches technique(HTML) 3 Page - Rohm

  BU12TH5WNVX-1 Datasheet HTML 1Page - Rohm BU12TH5WNVX-1 Datasheet HTML 2Page - Rohm BU12TH5WNVX-1 Datasheet HTML 3Page - Rohm BU12TH5WNVX-1 Datasheet HTML 4Page - Rohm BU12TH5WNVX-1 Datasheet HTML 5Page - Rohm BU12TH5WNVX-1 Datasheet HTML 6Page - Rohm BU12TH5WNVX-1 Datasheet HTML 7Page - Rohm BU12TH5WNVX-1 Datasheet HTML 8Page - Rohm BU12TH5WNVX-1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/20
14.Dec.2015.Rev.004
BUXXTH5WNVX
Datasheet
TSZ02201-0GBG0A600020-1-2
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Absolute Maximum Ratings (Ta=25°C)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VMAX
-0.3 to +6.5
V
Power Dissipation
Pd
560
(Note1)
mW
Maximum junction temperature
TjMAX
+125
°C
Operating Temperature Range
Topr
-20 to +85
°C
Storage Temperature Range
Tstg
-55 to +125
°C
(Note1) Pd deleted at 5.6mW/°C at temperatures above Ta=25°C, mounted on 70×70×1.6 mm glass-epoxy PCB.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the
absolute maximum ratings.
RECOMMENDED OPERATING RANGE (not to exceed Pd)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VIN
1.7 to 6.0
V
Maximum Output Current
IMAX
500
mA
OPERATING CONDITIONS
PARAMETER
Symbol
MIN.
TYP.
MAX.
Unit
CONDITION
Input Capacitor
Cin
1.0
(Note2)
-
-
µF
Ceramic capacitor recommended
Output Capacitor
Co
1.0
(Note2)
-
-
µF
(Note2) Make sure that the output capacitor value is not kept lower than this specified level across a variety of temperature, DC bias, changing as time
progresses characteristic.
Electrical Characteristics
(Ta=25°C, VIN= VOUT+1.0V, CIN=1.0µF, Co=1.0µF, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Voltage
VIN
1.7
-
6.0
V
Output Voltage
VOUT
VOUT
-25mV
VOUT
VOUT
+25mV
V
IOUT=10µA, VOUT<2.5V
VOUT
×0.99
VOUT
×1.01
V
IOUT=10µA, VOUT≧2.5V
Line Regulation
⊿VOUT-line
-
-
20
mV
From (VOUT+0.3V) to 5.0V, IOUT=10mA
Load Regulation
⊿VOUT-load
-
21
40
mV
IOUT=5mA to 250mA
Voltage Dropout
⊿Vdrop-out
-
520
700
mV
VOUT=1.05V (IOUT=250mA)
-
440
550
mV
VOUT=1.20V (IOUT=250mA)
-
160
250
mV
VOUT=2.85V (IOUT=250mA)
-
150
230
mV
VOUT=3.50V (IOUT=250mA)
Load Current
Iload
500
-
-
mA
No Load Quiescent Current
Icq
-
10
20
µA
IOUT=0mA
Power Supply
Rejection Ratio
RR1
-
82
-
dB
fRR=100Hz
RR2
-
80
-
dB
fRR=1kHz
Output Noise Voltage
Noise
-
40
-
nV√Hz
@10KHz
Operating Temperature range
Topr
-20
-
85
°C
Discharge Resistor
RDSC
20
50
80
CE Pin Pull-down Current
ISTB
0.1
0.9
8.0
uA
CE Pin Control Voltage
ON
VCEH
1.2
-
6.0
V
OFF
VCEL
-0.3
-
0.3
V


Numéro de pièce similaire - BU12TH5WNVX-1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU12TD2WNVX ROHM-BU12TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12TD2WNVX-XTL ROHM-BU12TD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
BU12TD3WG ROHM-BU12TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU12TD3WG-GTR ROHM-BU12TD3WG-GTR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU12TD3WG-TR ROHM-BU12TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
More results

Description similaire - BU12TH5WNVX-1

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com