Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU10JA2MNVX-C Fiches technique(PDF) 10 Page - Rohm

No de pièce BU10JA2MNVX-C
Description  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU10JA2MNVX-C Fiches technique(HTML) 10 Page - Rohm

Back Button BU10JA2MNVX-C Datasheet HTML 6Page - Rohm BU10JA2MNVX-C Datasheet HTML 7Page - Rohm BU10JA2MNVX-C Datasheet HTML 8Page - Rohm BU10JA2MNVX-C Datasheet HTML 9Page - Rohm BU10JA2MNVX-C Datasheet HTML 10Page - Rohm BU10JA2MNVX-C Datasheet HTML 11Page - Rohm BU10JA2MNVX-C Datasheet HTML 12Page - Rohm BU10JA2MNVX-C Datasheet HTML 13Page - Rohm BU10JA2MNVX-C Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
BUxxJA2MNVX-C series
10/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Reference data
BU33JA2MNVX-C
(Ta=25ºC unless otherwise specified.)
2.0
0.0
4.0
CO=0.47μF
CO=1.0μF
CO=2.2μF
VIN=4.3V
IOUT=0mA
CO=0.47μF
CO=1.0μF
CO=2.2μF
VIN=4.3V
IOUT=0mA
CO=0.47μF
CO=1.0μF
CO=2.2μF
VIN=4.3V
IOUT=200mA
Figure 23. Start Up Time
IOUT=0mA
Figure 24. Start Up Time
IOUT=200mA
Figure 25. Start Up Time
(VIN=STBY) IOUT=0mA
Figure 26. Start Up Time
(VIN=STBY) IOUT=200mA
2.0
0.0
4.0
2.0
0.0
4.0
2.0
0.0
4.0
1.0
2.0
0.0
1.0
2.0
0.0
2.0
4.0
0.0
2.0
4.0
0.0
VIN=4.3V
IOUT=200mA
CO=0.47μF
CO=1.0μF
CO=2.2μF
VSTBY=0V→1.5V
VSTBY=0V→1.5V
VSTBY=0V→VIN
VSTBY=0V→VIN


Numéro de pièce similaire - BU10JA2MNVX-C

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F FRONTIER-BU10-005F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01 FRONTIER-BU10-01 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01F FRONTIER-BU10-01F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-02 FRONTIER-BU10-02 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Description similaire - BU10JA2MNVX-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com