Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD42530EFJ-C Fiches technique(PDF) 1 Page - Rohm

No de pièce BD42530EFJ-C
Description  250 mA Output Voltage Tracker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD42530EFJ-C Fiches technique(HTML) 1 Page - Rohm

  BD42530EFJ-C Datasheet HTML 1Page - Rohm BD42530EFJ-C Datasheet HTML 2Page - Rohm BD42530EFJ-C Datasheet HTML 3Page - Rohm BD42530EFJ-C Datasheet HTML 4Page - Rohm BD42530EFJ-C Datasheet HTML 5Page - Rohm BD42530EFJ-C Datasheet HTML 6Page - Rohm BD42530EFJ-C Datasheet HTML 7Page - Rohm BD42530EFJ-C Datasheet HTML 8Page - Rohm BD42530EFJ-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/25
TSZ02201-0G7G0AN00550-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20.Apr.2016 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
Voltage Tracker
250 mA Output Voltage Tracker
BD42530xxx-C
Series
General Description
The BD42530xxx-C Series are low quiescent voltage
trackers featuring 45 V absolute maximum voltage, and
output voltage tracking accuracy of ±10 mV, 250 mA
output current and 40 µA (Typ) current consumption.
These trackers are therefore ideal for applications
requiring a direct connection to the battery and a low
current consumption.
Ceramic capacitors can be used for compensation of the
output capacitor phase. Furthermore, these ICs also
feature overcurrent protection to protect the device from
damage caused by short-circuiting and an integrated
thermal shutdown to protect the device from overheating
at overload conditions.
Packages
W (Typ) x D (Typ) x H (Max)
EFJ: HTSOP-J8
4.90 mm x 6.00 mm x 1.00 mm
Features
AEC-Q100 Qualified (Note 1)
Qualified for Automotive Applications
Wide Temperature Range (Tj):
-40 °C to +150 °C
Wide Operating Input Range:
3 V to 42 V
Low Quiescent Current:
40 µA (Typ)
Output Voltage Tracking Accuracy:
±10 mV
Over Current Protection (OCP)
Thermal Shutdown Protection (TSD)
(Note 1: Grade 1)
FP2: TO263-5
10.16 mm x 15.10 mm x 4.70 mm
Applications
Automotive
(Engine-ECU, Body, Air-Conditioner etc.)
Typical Application Circuits
Components externally connected: 1 µF ≤ CIN, 10 µF ≤ CO(Min)
Electrolytic, tantalum and ceramic capacitors can be used.
Datasheet


Numéro de pièce similaire - BD42530EFJ-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results

Description similaire - BD42530EFJ-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com