Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD11670GWL Fiches technique(PDF) 5 Page - Rohm

No de pièce BD11670GWL
Description  DPDT Type (Double Pole Double Throw)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD11670GWL Fiches technique(HTML) 5 Page - Rohm

  BD11670GWL Datasheet HTML 1Page - Rohm BD11670GWL Datasheet HTML 2Page - Rohm BD11670GWL Datasheet HTML 3Page - Rohm BD11670GWL Datasheet HTML 4Page - Rohm BD11670GWL Datasheet HTML 5Page - Rohm BD11670GWL Datasheet HTML 6Page - Rohm BD11670GWL Datasheet HTML 7Page - Rohm BD11670GWL Datasheet HTML 8Page - Rohm BD11670GWL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/12
TSZ02201-0232AH300120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111
• 15 • 001
BD11670GWL
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.0
1.0
2.0
3.0
4.0
5.0
V_VCC [V]
VCC=0
→5V
SEL=0V
Ta=-60
Ta=25
Ta=105
Typical Performance Curves
(Unless otherwise specified, Ta=25
, VCC=5V)
(Equipment used to plot eye pattern: Tektronix DPO7254 Oscilloscope, Tektronix TDSUBF USB Test Fixture)
Figure 4. Eye Pattern at Full Speed
Figure 5. Eye Pattern at High Speed
Figure 6. ICC vs Input Voltage(VCC)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage VIN[V]
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage VIN[V]
Figure 7. ICC vs Input Voltage(VBUS)
0
50
100
150
200
250
300
350
400
450
500
550
600
0.0
5.0
10.0
15.0
20.0
25.0
V_VBUS [V]
VBUS=0
→28V
SEL=0V
Ta=-60
Ta=25
Ta=105


Numéro de pièce similaire - BD11670GWL

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BD116 ISC-BD116 Datasheet
252Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11600NUX ROHM-BD11600NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
More results

Description similaire - BD11670GWL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
logo
Infineon Technologies A...
BGS22WL10 INFINEON-BGS22WL10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.6 - May 27, 2014
BGS22W2L10 INFINEON-BGS22W2L10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.4 - October 12, 2012
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
logo
TE Connectivity Ltd
H-14 TEC-H-14 Datasheet
277Kb / 1P
   n Double pole, double throw contacts
logo
Pasternack Enterprises,...
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com