Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3531F-E2 Fiches technique(PDF) 8 Page - Rohm

No de pièce BD3531F-E2
Description  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3531F-E2 Fiches technique(HTML) 8 Page - Rohm

Back Button BD3531F-E2 Datasheet HTML 4Page - Rohm BD3531F-E2 Datasheet HTML 5Page - Rohm BD3531F-E2 Datasheet HTML 6Page - Rohm BD3531F-E2 Datasheet HTML 7Page - Rohm BD3531F-E2 Datasheet HTML 8Page - Rohm BD3531F-E2 Datasheet HTML 9Page - Rohm BD3531F-E2 Datasheet HTML 10Page - Rohm BD3531F-E2 Datasheet HTML 11Page - Rohm BD3531F-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BD3531F
8/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900950-1-2
02.Nov.2015 Rev.001
Application Information
1.
Evaluation Board
Part No
Value
Company
Parts Name
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3531F
C4
-
-
-
R1
0.5
Ω
ROHM
MCR03
C5
100µF
KYOCERA
CM43B107M06A
R4
220Ω
ROHM
MCR03
C6
-
-
-
J1
-
-
C7
-
-
-
J2
-
-
C8
-
-
-
C1
2.2µF
KYOCERA
CM105B225K06A
C9
2.2µF
KYOCERA
CM105B225K06A
C2
-
-
-
C10
220µF
SANYO
2R5TPE220MF
C3
10µF
KYOCERA
CM21B106M06A
BD3531F Evaluation Board Application Components
BD3531F Evaluation Board Circuit
C5,C6
GND
B
D
3
5
3
3
F
EN
VCC
VDDQ
VTT_IN
GND
VCC
SW1
J2
R4
C9
J1
C3,C4
C7
C8
C10
C2
C1
R1
2
7
5
6
1
8
3
4
U1
VTT_IN
VCC
VTT
VREF
VDDQ
EN
VTTS
GND
VTT
VTTS
VREF
BD3531F


Numéro de pièce similaire - BD3531F-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Description similaire - BD3531F-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com