Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDR2245MF11 Fiches technique(PDF) 1 Page - Shoulder Electronics Limited.

No de pièce HDR2245MF11
Description  This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHOULDER [Shoulder Electronics Limited.]
Site Internet  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDR2245MF11 Fiches technique(HTML) 1 Page - Shoulder Electronics Limited.

  HDR2245MF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDR2245MF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDR2245MF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDR2245MF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDR2245MF11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 5
规格书编号
SPEC NO :
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW RESONATOR
MODEL NO 型 号:
HDR224.5M F11
PREPARED 编 制:
CHECKED 审 核:
APPROVED 批 准:
D A T E 日 期:
2006-5-11
无锡市好达电子有限公司
Shoulder Electronics Limited
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE


Numéro de pièce similaire - HDR2245MF11

FabricantNo de pièceFiches techniqueDescription
logo
Hantronix,Inc
HDR202-1DD HANTRONIX-HDR202-1DD_15 Datasheet
147Kb / 1P
   20 Characters x 2 Lines, White OLED Display
HDR202-1 HANTRONIX-HDR202-1_15 Datasheet
5Mb / 35P
   20 CHARACTERS 2 LINES OLED DISPLAY MODULE (WHITE)
HDR25664 HANTRONIX-HDR25664 Datasheet
55Kb / 1P
   Dimensional Drawing
logo
Shoulder Electronics Li...
HDR260MS3 SHOULDER-HDR260MS3 Datasheet
163Kb / 7P
   This specification shall cover the characteristics of 1-port SAW resonator with 260M used for remote-control security.
HDR292MF11 SHOULDER-HDR292MF11 Datasheet
106Kb / 5P
   This specification shall cover the characteristics of 1-port SAW resonator with 292M used for remote-control security.
More results

Description similaire - HDR2245MF11

FabricantNo de pièceFiches techniqueDescription
logo
Shoulder Electronics Li...
HDR360MS20 SHOULDER-HDR360MS20 Datasheet
119Kb / 6P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR154MF11 SHOULDER-HDR154MF11 Datasheet
106Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
SHENZHEN YONGERJIA INDU...
ZTA50MX WINNERJOIN-ZTA50MX Datasheet
95Kb / 5P
   This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor
ZTA40MX WINNERJOIN-ZTA40MX Datasheet
95Kb / 5P
   This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor.
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
logo
Silicon Laboratories
SI4362 SILABS-SI4362 Datasheet
1Mb / 46P
   Garage and gate openers
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
logo
Shoulder Electronics Li...
HDR300MF11D SHOULDER-HDR300MF11D Datasheet
104Kb / 5P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR447625MS20 SHOULDER-HDR447625MS20 Datasheet
112Kb / 6P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com