Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE25139U73 Fiches technique(PDF) 2 Page - NEC

No de pièce NE25139U73
Description  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NE25139U73 Fiches technique(HTML) 2 Page - NEC

  NE25139U73 Datasheet HTML 1Page - NEC NE25139U73 Datasheet HTML 2Page - NEC NE25139U73 Datasheet HTML 3Page - NEC NE25139U73 Datasheet HTML 4Page - NEC NE25139U73 Datasheet HTML 5Page - NEC NE25139U73 Datasheet HTML 6Page - NEC NE25139U73 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
13
VG1S
Gate 1 to Source Voltage
V
-4.5
VG2S
Gate 2 to Source Voltage
V
-4.5
ID
Drain Current
mA
IDSS
PT
Total Power Dissipation
mW
200
TCH
Channel Temperature
°C
125
TSTG
Storage Temperature
°C
-55 to +125
Note:
1. Operation in excess of anyone of these parameters may result
in permanent damage.
Ambient Temperature, TA (
°C)
TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
GATE 1 TO SOURCE VOLTAGE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Drain Current, ID (mA)
NE25139
(VDS = 5 V, VG2S = 0 V, IDS = 10 mA)
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
0.5
0.9
18.5
0.9
18
1.9
0.9
1.2
16.0
0.82
28
1.2
1.5
1.5
14.6
0.71
45
0.9
2.0
1.9
12.5
0.55
75
0.67
3.0
2.5
11.0
0.34
116
0.5
4.0
3.3
9.5
0.25
154
0.4
TYPICAL NOISE PARAMETERS (TA = 25°C)
250
200
150
100
50
0
0
25
50
75
100
125
FREE AIR
Gate 1 to Source Voltage, VG1S (V)
FORWARD TRANSFER ADMITTANCE vs.
GATE 1 TO SOURCE VOLTAGE
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
30
20
10
0
0
10
20
30
VG2S = 1.0 V
VG2S = 0.5 V
VDS = 5 V
f = 1 kHz
Gate 1 to Source Voltage, VG1S (V)
30
20
10
0
-2.0
-1.0
0
+1.0
0.5 V
0 V
-0.5 V
VG2S = 1.0V
VDS = 5V
30
20
10
0
-1.0
0
+1.0
0 V
VG2S = 1.0
0.5 V
-0.5 V
VDS = 5V
f = 1kHz
-2.0


Numéro de pièce similaire - NE25139U73

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE25139U73 CEL-NE25139U73 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Description similaire - NE25139U73

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
California Eastern Labs
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com