Moteur de recherche de fiches techniques de composants électroniques |
|
NE02100 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers |
|
NE02100 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 12 page TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C) Coordinates in Ohms Frequency in GHz (VCE = 10 V, IC = 5 mA) 0.435 30.904 0.711 25.017 0.905 21.298 0.971 18.616 1.024 15.561 1.044 13.619 1.028 12.483 1.035 11.252 1.038 10.206 1.030 9.506 1.055 8.680 0.267 29.113 0.534 23.790 0.773 20.566 0.912 18.320 0.984 16.309 1.023 13.826 1.038 12.288 1.044 11.116 1.045 10.104 1.048 9.263 1.084 8.371 0.167 27.135 0.329 21.430 0.563 18.797 0.738 16.985 0.860 15.398 0.938 14.105 0.977 12.978 1.017 11.247 1.046 9.850 1.059 8.908 1.096 8.065 NE02139 VCE = 10 V, IC = 5 mA FREQUENCY S11 S21 S12 S22 K MAG1 (MHz) MAG ANG MAG ANG MAG ANG MAG ANG (dB) 100 .78 -39 13.96 156 .027 63 .91 -21 200 .71 -74 11.81 131 .058 62 .77 -36 400 .57 -114 7.51 107 .081 42 .54 -50 600 .50 -143 5.68 93 .093 39 .42 -56 800 .49 -164 4.16 72 .104 37 .35 -59 1000 .49 -180 3.50 81 .117 37 .30 -63 1200 .51 168 2.83 55 .129 37 .27 -66 1400 .52 160 2.59 63 .144 36 .25 -73 1600 .53 150 2.19 49 .155 38 .22 -79 1800 .53 142 2.09 42 .173 36 .21 -88 2000 .56 135 1.79 36 .181 36 .19 -98 VCE = 10 V, IC = 10 mA 100 .63 -58 20.38 145 .025 58 .81 -31 200 .56 -98 15.27 119 .039 60 .61 -45 400 .47 -139 8.90 98 .062 44 .39 -57 600 .45 -164 6.48 87 .073 50 .30 -60 800 .45 180 4.66 76 .091 49 .25 -63 1000 .47 168 3.89 69 .109 50 .21 -68 1200 .48 157 3.13 61 .126 48 .18 -71 1400 .50 152 2.86 54 .143 44 .17 -80 1600 .51 143 2.41 48 .160 46 .14 -88 1800 .52 136 2.30 42 .181 42 .14 -99 2000 .54 130 1.97 36 .191 41 .12 -113 VCE = 10 V, IC = 20 mA 100 .53 -82 25.86 136 .021 35 .72 -41 200 .47 -121 17.23 110 .033 61 .48 -51 400 .43 -157 9.44 92 .051 50 .30 -58 600 .44 -177 6.74 83 .069 57 .23 -60 800 .45 170 4.82 74 .090 55 .20 -61 1000 .46 161 4.01 67 .107 54 .16 -66 1200 .48 152 3.23 39 .127 54 .14 -71 1400 .50 147 2.95 53 .149 50 .13 -80 1600 .51 139 2.48 47 .164 50 .10 -91 1800 .52 133 2.36 41 .187 45 .10 -104 2000 .55 127 2.02 36 .197 44 .09 -121 Note: 1. Gain Calculations: MAG = |S21| |S12| K - 1 ). 2 (K ± ∆ = S11 S22 - S21 S12 When K ≤ 1, MAG is undefined and MSG values are used. MSG = |S 21 | |S12| , K = 1 + | ∆ | - |S 11 | - |S22| 2 2 2 2 |S12 S21| , MAG = Maximum Available Gain, MSG = Maximum Stable Gain NE021 SERIES j50 j25 j10 0 -j10 -j25 -j50 -j100 j100 0 10 25 50 100 S11 2 GHz S22 2 GHz S22 0.1 GHz S11 0.1 GHz 120˚ 90˚ 60˚ 150˚ 180˚ -150˚ -120˚ -90˚ -60˚ -30˚ 0˚ .16 .12 .08 16 20 4 S21.20 S12 2 GHz S21 0.1 GHz .04 S21 2 GHz 30˚ 8 12 S12 0.1 GHz |
Numéro de pièce similaire - NE02100 |
|
Description similaire - NE02100 |