Moteur de recherche de fiches techniques de composants électroniques |
|
BDX66B Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
BDX66B Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page COMSET SEMICONDUCTORS 1/4 BDX 66, A, B, C ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit BDX66 -60 BDX66A -80 BDX66B -100 VCEO Collector-Emitter Voltage BDX66C -120 V BDX66 -60 BDX66A -80 BDX66B -100 VCBO Collector-Base Voltage BDX66C -120 V VEBO Emitter-Base Voltage BDX66 BDX66A BDX66B BDX66C -5.0 V IC(RMS) BDX66 BDX66A BDX66B BDX66C -16 IC Collector Current ICM BDX66 BDX66A BDX66B BDX66C -20 A IB Base Current BDX66 BDX66A BDX66B BDX66C -0.25 A PT Power Dissipation @ TC = 25° BDX66 BDX66A BDX66B BDX66C 150 Watts W/°C TJ Junction Temperature TS Storage Temperature BDX66 BDX66A BDX66B BDX66C -55 to +200 °C High current power darlingtons designed for power amplification and switching applications. PNP SILICON DARLINGTONS |
Numéro de pièce similaire - BDX66B |
|
Description similaire - BDX66B |