Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPES24-07527 Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPES24-07527
Description  MEET UNIVERSAL SAFETY STANDARDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES24-07527 Fiches technique(HTML) 1 Page - Total Power International

  TPES24-07527 Datasheet HTML 1Page - Total Power International TPES24-07527 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE & MULTIPLE OUTPUT 24-26 WATTS
SWITCHING POWER SUPPLIES
TPES24 SERIES
FEATURES:
UNIVERSAL INPUT
DESKTOP IEC320 AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022/ FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P DT7 type
AC inlet receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 25A @230Vac typical.
Input Current: 0.34A @115Vac typical.
0.17A @230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN 55022 / FCC Class B.
Hold-up Time: 15mS @115Vac typical.
60mS @230Vac typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 24-26 Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1-0.2% typical.
Load Regulation: Main O/P VO1 ±1.5-3.0% typical.
Aux. O/P VO2 ±2.5-4.0% typical.
Aux. O/P VO3 ±3.0-6.0% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in at main VO1 only Zener diode clamping.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: 78% typical.
Switching Frequency: Approximate 60K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: Meet UL1950/EN60950 Class I.
Power Density: 1.89 Watts / Cubic inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04%/°C typical.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (unit ±%).
For the multi-output, the main output remains 50% load and other aux. output remains 20% load.
(3) The exact obtainable load regulation depends upon the output load current & cord selected. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
(4) Due to requests in market and advances in technology, specifications subject to change without notice
For the details of safety approval, please consult the factory.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Numéro de pièce similaire - TPES24-07527

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPES22 TOTAL-POWER-TPES22 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-033400 TOTAL-POWER-TPES22-033400 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-050400 TOTAL-POWER-TPES22-050400 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-075300 TOTAL-POWER-TPES22-075300 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-090250 TOTAL-POWER-TPES22-090250 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
More results

Description similaire - TPES24-07527

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
Allied Components Inter...
AR11-4279I ALLIED-AR11-4279I Datasheet
1Mb / 2P
   Desgined to meet IEEE802.3af standards
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
   Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
   World-wide ac input ranges and safety standards
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Tyco Electronics
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
   Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com