Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


N5462B Datasheet(Fiches technique) 8 Page - Keysight Technologies

Numéro de pièce N5462B
Description  Triggering and Decode
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo 

   
 8 page
background image
Keysight Technologies Oscilloscopes
Multiple form factors from 20 MHz to > 90 GHz | Industry leading specs | Powerful applications
myKeysight
www.keysight.com/find/mykeysight
A personalized view into the information most relevant to you.
www.axiestandard.org
AdvancedTCA® Extensions for Instrumentation and Test (AXIe) is an
open standard that extends the AdvancedTCA for general purpose and
semiconductor test. Keysight is a founding member of the AXIe consortium.
ATCA®, AdvancedTCA®, and the ATCA logo are registered US trademarks of
the PCI Industrial Computer Manufacturers Group.
www.lxistandard.org
LAN eXtensions for Instruments puts the power of Ethernet and the
Web inside your test systems. Keysight is a founding member of the LXI
consortium.
Keysight Assurance Plans
www.keysight.com/find/AssurancePlans
Up to five years of protection and no budgetary surprises to ensure your
instruments are operating to specification so you can rely on accurate
measurements.
www.keysight.com/quality
Keysight Technologies, Inc.
DEKRA Certified ISO 9001:2008
Quality Management System
Keysight Channel Partners
www.keysight.com/find/channelpartners
Get the best of both worlds: Keysight’s measurement expertise and product
breadth, combined with channel partner convenience.
www.keysight.com/find/9000_RS-232
For more information on Keysight
Technologies’ products, applications or
services, please contact your local Keysight
office. The complete list is available at:
www.keysight.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
55 11 3351 7010
Mexico
001 800 254 2440
United States
(800) 829 4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries
(65) 6375 8100
Europe & Middle East
Austria
0800 001122
Belgium
0800 58580
Finland
0800 523252
France
0805 980333
Germany
0800 6270999
Ireland
1800 832700
Israel
1 809 343051
Italy
800 599100
Luxembourg
+32 800 58580
Netherlands
0800 0233200
Russia
8800 5009286
Spain
0800 000154
Sweden
0200 882255
Switzerland
0800 805353
Opt. 1 (DE)
Opt. 2 (FR)
Opt. 3 (IT)
United Kingdom
0800 0260637
For other unlisted countries:
www.keysight.com/find/contactus
(BP-07-10-14)
08 | Keysight | M9037A PXIe Embedded Controller - Data Sheet
This information is subject to change without notice.
© Keysight Technologies, 2012 - 2014
Published in USA, August 3, 2014
5990-3923EN
www.keysight.com




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl