Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS80C51RA2-VIMB Fiches technique(PDF) 11 Page - ATMEL Corporation

No de pièce TS80C51RA2-VIMB
Description  High Performance 8-bit Microcontrollers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VIMB Fiches technique(HTML) 11 Page - ATMEL Corporation

Back Button TS80C51RA2-VIMB Datasheet HTML 7Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 8Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 9Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 10Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 11Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 12Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 13Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 14Page - ATMEL Corporation TS80C51RA2-VIMB Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
Rev. C - 06 March, 2001
11
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
6. TS80C51Rx2 Enhanced Features
In comparison to the original 80C52, the TS80C51Rx2 implements some new features, which are:
• The X2 option.
• The Dual Data Pointer.
• The extended RAM.
• The Programmable Counter Array (PCA).
• The Watchdog.
• The 4 level interrupt priority system.
• The power-off flag.
• The ONCE mode.
• The ALE disabling.
• Some enhanced features are also located in the UART and the timer 2.
6.1. X2 Feature
The TS80C51Rx2 core needs only 6 clock periods per machine cycle. This feature called ”X2” provides the
following advantages:
Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
Save power consumption while keeping same CPU power (oscillator power saving).
Save power consumption by dividing dynamically operating frequency by 2 in operating and idle modes.
Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the XTAL1 signal and the main
clock input of the core (phase generator). This divider may be disabled by software.
6.1.1. Description
The clock for the whole circuit and peripheral is first divided by two before being used by the CPU core and
peripherals. This allows any cyclic ratio to be accepted on XTAL1 input. In X2 mode, as this divider is bypassed,
the signals on XTAL1 must have a cyclic ratio between 40 to 60%. Figure 1. shows the clock generation block
diagram. X2 bit is validated on XTAL1
÷2 rising edge to avoid glitches when switching from X2 to STD mode.
Figure 2. shows the mode switching waveforms.
Figure 1. Clock Generation Diagram
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
FOSC
FXTAL
0
1
XTAL1:2


Numéro de pièce similaire - TS80C51RA2-VIMB

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
TS80C51RA2-VIA IRF-TS80C51RA2-VIA Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-VIA ATMEL-TS80C51RA2-VIA Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-VIA ATMEL-TS80C51RA2-VIA Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2-VIB IRF-TS80C51RA2-VIB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-VIB ATMEL-TS80C51RA2-VIB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
More results

Description similaire - TS80C51RA2-VIMB

FabricantNo de pièceFiches techniqueDescription
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com