Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ60025EGL25 Fiches technique(PDF) 12 Page - SynQor Worldwide Headquarters

No de pièce PQ60025EGL25
Description  Protection from permanent damage and hazardous conditions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNQOR [SynQor Worldwide Headquarters]
Site Internet  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EGL25 Fiches technique(HTML) 12 Page - SynQor Worldwide Headquarters

Back Button PQ60025EGL25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Product # PQ60025EGL25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG625B Rev. B
02/11/11
Page 12
Technical
Specification
PQ60025EGL25
Applications Section
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because any DC/DC converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web
site (www.synqor.com) which provides an understanding
of why this instability arises, and shows the preferred
solution for correcting it.
Application Circuits: Figure D below provides a typical
circuit diagram which details the input filtering and voltage
trimming.
Input Filtering and External Input Capacitance:
Figure E below provides a diagram showing the internal
input filter components. This filter dramatically reduces
input terminal ripple current, which otherwise could
exceed the rating of an external electrolytic input
capacitor. The recommended external input capacitance
is specified in the “Input Characteristics” section. More
detailed information is available in the application note
titled “EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
I
load
C
load
Vout(+)
R
trim-up
or
R
trim-down
Vsense(+)
ON/OFF
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
47µF
C
L
in
Vin(+)
Vin(_)
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Numéro de pièce similaire - PQ60025EGL25

FabricantNo de pièceFiches techniqueDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Description similaire - PQ60025EGL25

FabricantNo de pièceFiches techniqueDescription
logo
SynQor Worldwide Headqu...
PQ60120QZB33 SYNQOR-PQ60120QZB33 Datasheet
2Mb / 13P
   Protection from permanent damage and hazardous conditions
logo
ATMEL Corporation
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
Laird Tech Smart Techno...
FG8960 LSTD-FG8960 Datasheet
587Kb / 1P
   Special UV protection coating resist sun damage
logo
Endress+Hauser Group Se...
CM42 EH-CM42 Datasheet
4Mb / 48P
   Two-wire transmitter for hazardous and non-hazardous areas
2020-02-29
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
List of Unclassifed Man...
IB2-06 ETC2-IB2-06 Datasheet
168Kb / 3P
   Protection from electrical shock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com