Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6112A2DGQ Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6112A2DGQ
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6112A2DGQ Fiches technique(HTML) 2 Page - Texas Instruments

  TPA6112A2DGQ Datasheet HTML 1Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 2Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 3Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 4Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 5Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 6Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 7Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 8Page - Texas Instruments TPA6112A2DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
TPA6112A2
SLOS342A – DECEMBER 2000 – REVISED SEPTEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
THD+N when driving an 16-
Ω load from 5 V is 0.03% at 1 kHz, and less than 1% across the audio band of 20 Hz
to 20 kHz. For 32-
Ω loads, the THD+N is reduced to less than 0.02% at 1 kHz, and is less than 1% across the
audio band of 20 Hz to 20 kHz. For 10-k
Ω loads, the THD+N performance is 0.005% at 1 kHz, and less than
0.5% across the audio band of 20 Hz to 20 kHz.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
MSOP SYMBOLIZATION
MSOP(1)
-40
°C to 85°C
TPA6112A2DGQ
TI APD
(1)
The DGQ package isavailable in left-ended tape and reel only (e.g., TPA6112A2DGQR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO
BYPASS
4
I
Tap to voltage divider for internal mid-supply bias supply. Connect to a 0.1 µF to 1 µF low ESR capacitor
for best performance.
GND
5
I
GND is the ground connection.
IN1-
2
I
IN1- is the negative input for channel 1.
IN1+
3
I
IN1+ is the positive input for channel 1.
IN2-
8
I
IN2- is the negative input for channel 2.
IN2+
7
I
IN2+ is the positive input for channel 2.
SHUTDOWN
6
I
Puts the device in a low quiescent current mode when held high.
VDD
10
I
VDD is the supply voltage terminal.
VO1
1
O
VO1 is the audio output for channel 1.
VO2
9
O
VO2 is the audio output for channel 2.
over operating free-air temperature (unless otherwise noted(1))
UNITS
VDD
Supply voltage
6 V
VI
Input voltage
-0.3 V to VDD + 0.3 V
Continuous total power dissipation
internally limited
TJ
Operating junction temperature range
-40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond thoselisted under absolute maximum ratings may cause permanent damage to the device.These are stress ratings
only, and functional operation of the device at theseor any other conditions beyond those indicated under recommended
operatingconditions is not implied. Exposure to absolute-maximum-rated conditions forextended periods may affect device reliability.
2


Numéro de pièce similaire - TPA6112A2DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQG4 TI-TPA6112A2DGQG4 Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQR TI-TPA6112A2DGQR Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQRG4 TI-TPA6112A2DGQRG4 Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6112A2DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com