Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVEP111FAG Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC100LVEP111FAG
Description  2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP111FAG Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC100LVEP111FAG Datasheet HTML 6Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 7Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 8Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 9Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 10Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 11Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 12Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 13Page - ON Semiconductor MC100LVEP111FAG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC100LVEP111
www.onsemi.com
10
Figure 10. Single−Ended Interface LVCMOS/LVTTL in Interface Using an External Voltage Reference
1k
LVCMOS
LVTTL Sin-
gle−Ended
Driver
Z0 = 50 W
VCC
VCC
VEE
VEE
VCC
CLKx
CLK
MC100LVEP111
1k
Figure 11. Single−Ended Interface LVCMOS/LVTTL in Interface Using VBB
LVCMOS
LVTTL Sin-
gle−Ended
Driver
Z0 = 50 W
VCC
VCC
VEE
VEE
CLKx
CLK
MC100LVEP111
VEE
VBB


Numéro de pièce similaire - MC100LVEP111FAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEP111FAG ONSEMI-MC100LVEP111FAG Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results

Description similaire - MC100LVEP111FAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com