Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVEP34 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC100LVEP34
Description  2.5V / 3.3V ECL Clock Generation Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC100LVEP34 Datasheet HTML 2Page - ON Semiconductor MC100LVEP34 Datasheet HTML 3Page - ON Semiconductor MC100LVEP34 Datasheet HTML 4Page - ON Semiconductor MC100LVEP34 Datasheet HTML 5Page - ON Semiconductor MC100LVEP34 Datasheet HTML 6Page - ON Semiconductor MC100LVEP34 Datasheet HTML 7Page - ON Semiconductor MC100LVEP34 Datasheet HTML 8Page - ON Semiconductor MC100LVEP34 Datasheet HTML 9Page - ON Semiconductor MC100LVEP34 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC100LVEP34
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCC= 0 V; VEE= −3.8 V to −2.375 V or VCC= 2.375 V to 3.8 V; VEE= 0 V (Note 14)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
(See Figure 4. Fmax)
2.8
2.8
2.8
GHz
tPLH
tPHL
Propagation
CLK to Q0, Q1, Q2
Delay to Output
MR to Q
550
500
650
600
750
700
600
550
700
650
800
750
650
600
750
700
850
800
ps
tJITTER
RMS Clock Jitter
DIV2
v 2.5 GHz
(See Figure 4. Fmax/JITTER)
DIV2
v 3.0 GHz
DIV4
v 2.5 GHz
DIV4
v 3.0 GHz
DIV8
v 2.5 GHz
DIV8
v 3.0 GHz
0.36
0.34
0.26
0.32
0.27
0.32
0.4
0.4
0.4
0.30
0.40
0.29
0.38
0.30
0.39
0.4
0.5
0.5
0.35
0.63
0.33
0.60
0.34
1.10
0.6
0.5
0.5
ps
tS
Setup Time EN
150
50
150
50
150
50
ps
tH
Hold Time EN
200
100
200
100
200
100
ps
tRR
Set/Reset Recovery
300
200
300
200
300
200
ps
VPP
Input Swing (Note 15)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
90
170
200
100
180
250
120
200
280
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
15. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Numéro de pièce similaire - MC100LVEP34

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEP34D ONSEMI-MC100LVEP34D Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEP34D ONSEMI-MC100LVEP34D Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
More results

Description similaire - MC100LVEP34

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com