Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVELT23 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100LVELT23
Description  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT23 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100LVELT23 Datasheet HTML 1Page - ON Semiconductor MC100LVELT23 Datasheet HTML 2Page - ON Semiconductor MC100LVELT23 Datasheet HTML 3Page - ON Semiconductor MC100LVELT23 Datasheet HTML 4Page - ON Semiconductor MC100LVELT23 Datasheet HTML 5Page - ON Semiconductor MC100LVELT23 Datasheet HTML 6Page - ON Semiconductor MC100LVELT23 Datasheet HTML 7Page - ON Semiconductor MC100LVELT23 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100LVELT23
www.onsemi.com
2
1
2
3
45
6
7
8
Q0
GND
VCC
Figure 1. 8-Lead Pinout (Top View)
and Logic Diagram
D0
Q1
D1
D1
D0
LVPECL
LVTTL
Table 1. PIN DESCRIPTION
Pin
Function
Q0, Q1
D0*, D1*
D0*, D1*
VCC
GND
EP
LVTTL Outputs
Differential LVPECL Inputs
Positive Supply
Ground
(DFN8 only) Thermal exposed pad must
be connected to a sufficient thermal con-
duit. Electrically connect to the most neg-
ative supply (GND) or leave unconnec-
ted, floating open.
** Pins will default to VCC/2 when left open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
50 kW
Internal Input Pullup Resistor
50 kW
ESD Protection
Human Body Model
Machine Model
CDM
> 1500 V
> 100 V
> 2000 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb-Free Pkg
SOIC−8 NB
TSSOP−8
DFN−8
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
91
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. Refer to Application Note AND8003/D for additional information.


Numéro de pièce similaire - MC100LVELT23

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
66Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23D ONSEMI-MC100LVELT23D Datasheet
66Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
MC100LVELT23D ONSEMI-MC100LVELT23D Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23D ONSEMI-MC100LVELT23D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com