Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-120108-024 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-120108-024
Description  MICRO-CHANGE CABLE ASSY 4P M/MP 90/90 D-CODE 24/4 UNSHIELDED PVC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120108-024 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-120108-024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
E
1
2
3
4
5
6
3:4
SCALE
SD-120108-024
MOLEX INCORPORATED
SIZE
INCH
IN/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
4P M/MP 90/90 D-CODE
MICRO-CHANGE CABLE ASSY
#24/4 UNSHIELDED PVC
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
ANGULAR ±1/2°
±.020
±.010
±.005
±----
±----
±----
±----
±----
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
GENERAL TOLERANCES
(UNLESS SPECIFIED)
=
=
THIRD ANGLE
PROJECTION
A
C
1
A
B
C
D
E
1
2
3
4
5
6
1 OF 1
SEE CHART
0
0


Numéro de pièce similaire - SD-120108-024

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-120108-013 MOLEX11-SD-120108-013 Datasheet
85Kb / 1P
   MICRO-CHANGE CABLE ASSY 4P M/MP ST D-CODE 24/4 UNSHIELDED PVC
More results

Description similaire - SD-120108-024

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-120108-013 MOLEX11-SD-120108-013 Datasheet
85Kb / 1P
   MICRO-CHANGE CABLE ASSY 4P M/MP ST D-CODE 24/4 UNSHIELDED PVC
1201080083 MOLEX-1201080083 Datasheet
28Kb / 1P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 2.0m (6.56) Length
12/02/2022
1201080155 MOLEX-1201080155 Datasheet
28Kb / 2P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 4.0m (13.12) Length
08/29/2022
1201080152 MOLEX-1201080152 Datasheet
28Kb / 2P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 3.0m (9.84) Length
09/01/2022
1201080081 MOLEX-1201080081 Datasheet
28Kb / 1P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 0.60m (1.97) Length
12/02/2022
1201080082 MOLEX-1201080082 Datasheet
28Kb / 1P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 1.0m (3.28) Length
10/07/2022
1300480162 MOLEX-1300480162 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 2.0m (6.56) Length
01/31/2023
1300480160 MOLEX-1300480160 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 0.60m (1.97) Length
01/31/2023
1300480163 MOLEX-1300480163 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 3.0m (9.84) Length
02/03/2023
1300480165 MOLEX-1300480165 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 10.0m (32.81) Length
02/02/2023
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com