Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM394BH Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM394BH
Description  LM194/LM394 Supermatch Pair
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM394BH Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LM394BH Datasheet HTML 1Page - National Semiconductor (TI) LM394BH Datasheet HTML 2Page - National Semiconductor (TI) LM394BH Datasheet HTML 3Page - National Semiconductor (TI) LM394BH Datasheet HTML 4Page - National Semiconductor (TI) LM394BH Datasheet HTML 5Page - National Semiconductor (TI) LM394BH Datasheet HTML 6Page - National Semiconductor (TI) LM394BH Datasheet HTML 7Page - National Semiconductor (TI) LM394BH Datasheet HTML 8Page - National Semiconductor (TI) LM394BH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Applications (Continued)
Precision Low Drift Operational Amplifier
Common-mode range 10V
IBIAS 25 nA
IOS 05 nA
VOS (untrimmed) 125 mV
(DVOS DT) 02 mVC
CMRR 120 dB
AVOL 2500000
C
200 pF for unity gain
C
30 pF for AV 10
C
5 pF for AV 100
TLH9241 – 5
C
0 pF for AV 1000
High Accuracy One Quadrant MultiplierDivider
TLH9241 – 6
VOUT e
(X) (Y)
(Z)
positive inputs only
Typical linearity 01%
4


Numéro de pièce similaire - LM394BH

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
List of Unclassifed Man...
LM3940 ETC-LM3940 Datasheet
145Kb / 3P
   1.25A High Current Low Dropout
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

Description similaire - LM394BH

FabricantNo de pièceFiches techniqueDescription
logo
Knowles Electronics
EK-27405-000 KNOWLES-EK-27405-000 Datasheet
93Kb / 1P
   MICROPHONE PAIR
EM-26734-D34 KNOWLES-EM-26734-D34 Datasheet
112Kb / 1P
   MICROPHONE PAIR
logo
Solid States Devices, I...
RC0041B SSDI-RC0041B Datasheet
113Kb / 2P
   RECTIFIER PAIR
logo
Knowles Electronics
EM-27902-C38 KNOWLES-EM-27902-C38 Datasheet
84Kb / 1P
   MICROPHONE PAIR
EM-26425-C79 KNOWLES-EM-26425-C79 Datasheet
68Kb / 1P
   MICROPHONE PAIR
logo
SHIKUES Electronics
MMDT2227 SKTECHNOLGY-MMDT2227 Datasheet
1Mb / 4P
   Complementary Pair
logo
Knowles Electronics
EM-23897-S05 KNOWLES-EM-23897-S05 Datasheet
62Kb / 1P
   MICROPHONE PAIR
logo
M/A-COM Technology Solu...
MADP-000208 MA-COM-MADP-000208_15 Datasheet
109Kb / 4P
   PIN Diode Pair
logo
Fairchild Semiconductor
H23A1 FAIRCHILD-H23A1 Datasheet
307Kb / 5P
   PLASTIC SIDELOOKER PAIR
logo
Samtec, Inc
QTH-020-01-F-D-DP-A SAMTEC-QTH-020-01-F-D-DP-A Datasheet
186Kb / 1P
   0,50MM DIFFERENTIAL PAIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com