Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF4001 Fiches technique(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

No de pièce UF4001
Description  1.0AMP. SILICON ULTRA FAST RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Site Internet  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

UF4001 Fiches technique(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  UF4001_16 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
--
- 205 -
UF4001 THRU UF4007
1.0AMP. SILICON ULTRA FAST RECTIFIER
FEATURE
.
Low leakage
.
Low forward voltage drop
.
High current capability
.
High surge capability
.
High reliability
.
High temperature soldering guaranteed
260°C /10sec / 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
UF
4001
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30
A
Maximum Instantaneous forward Voltage at
1.0A DC
VF
1.0
1.7
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
CJ
20
15
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C.Board Mounted.


Numéro de pièce similaire - UF4001_16

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
UF4001 VISHAY-UF4001_11 Datasheet
80Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 18-Feb-11
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_13 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Leshan Radio Company
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results

Description similaire - UF4001_16

FabricantNo de pièceFiches techniqueDescription
logo
DIYI Electronic Technol...
U1A DYELEC-U1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
U1AU DYELEC-U1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1AU DYELEC-US1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1A DYELEC-US1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
UF4001G CHONGQING-UF4001G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED ULTRA FAST RECTIFIER
logo
Sirectifier Global Corp...
UF4001 SIRECT-UF4001 Datasheet
187Kb / 2P
   Ultra Fast Recovery Rectifier - 1.0Amp 50~1000Volt
logo
DIYI Electronic Technol...
UMB1SU DYELEC-UMB1SU_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
UMB1FU DYELEC-UMB1FU_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1MU DYELEC-UMB1MU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com