Moteur de recherche de fiches techniques de composants électroniques |
|
TS80C31X2-MLCR Fiches technique(PDF) 3 Page - ATMEL Corporation |
|
TS80C31X2-MLCR Fiches technique(HTML) 3 Page - ATMEL Corporation |
3 / 42 page Rev. C - 15 January, 2001 3 TS80C31X2 4. SFR Mapping The Special Function Registers (SFRs) of the TS80C31X2 fall into the following categories: • C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1 • I/O port registers: P0, P1, P2, P3 • Timer registers: TCON, TH0, TH1, TMOD, TL0, TL1 • Serial I/O port registers: SADDR, SADEN, SBUF, SCON • Power and clock control registers: PCON • Interrupt system registers: IE, IP, IPH • Others: CKCON Table 1. All SFRs with their address and their reset value Bit address- able Non Bit addressable 0/8 1/9 2/A 3/B 4/C 5/D 6/E 7/F F8h FFh F0h B 0000 0000 F7h E8h EFh E0h ACC 0000 0000 E7h D8h DFh D0h PSW 0000 0000 D7h C8h CFh C0h C7h B8h IP XXX0 0000 SADEN 0000 0000 BFh B0h P3 1111 1111 IPH XXX0 0000 B7h A8h IE 0XX0 0000 SADDR 0000 0000 AFh A0h P2 1111 1111 AUXR1 XXXX XXX0 A7h 98h SCON 0000 0000 SBUF XXXX XXXX 9Fh 90h P1 1111 1111 97h 88h TCON 0000 0000 TMOD 0000 0000 TL0 0000 0000 TL1 0000 0000 TH0 0000 0000 TH1 0000 0000 CKCON XXXX XXX0 8Fh 80h P0 1111 1111 SP 0000 0111 DPL 0000 0000 DPH 0000 0000 PCON 00X1 0000 87h 0/8 1/9 2/A 3/B 4/C 5/D 6/E 7/F reserved |
Numéro de pièce similaire - TS80C31X2-MLCR |
|
Description similaire - TS80C31X2-MLCR |