Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2270HFV-GTR Fiches technique(PDF) 8 Page - Rohm

No de pièce BD2270HFV-GTR
Description  Controller ICs for High Side NMOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV-GTR Fiches technique(HTML) 8 Page - Rohm

Back Button BD2270HFV-GTR Datasheet HTML 4Page - Rohm BD2270HFV-GTR Datasheet HTML 5Page - Rohm BD2270HFV-GTR Datasheet HTML 6Page - Rohm BD2270HFV-GTR Datasheet HTML 7Page - Rohm BD2270HFV-GTR Datasheet HTML 8Page - Rohm BD2270HFV-GTR Datasheet HTML 9Page - Rohm BD2270HFV-GTR Datasheet HTML 10Page - Rohm BD2270HFV-GTR Datasheet HTML 11Page - Rohm BD2270HFV-GTR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BD2270HFV
Datasheet
Typical Performance Curves - continued
Figure 18. GATE Fall Time vs Ambient Temperature
0
4
8
12
16
20
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VCC=3.0V, CGATE=500pF
Figure 17. GATE Fall Time vs Supply Voltage
0
4
8
12
16
20
2
3
4
5
6
SUPPLY VOLTAGE : VCC[V]
Ta=25°C, CGATE=500pF
0.1
1.0
10.0
100.0
0
2
4
6
8
GATE VOLTAGE ABOVE SUPPLY : VGATE[V]
VCC=3.0V
Figure 20. GATE Drive Current vs GATE Voltage
Above Supply
(VCC = 3V)
Figure 19. GATE Drive Current vs GATE Voltage
Above Supply
(VCC =5V)
0.1
1.0
10.0
100.0
0
2
4
6
8
GATE VOLTAGE ABOVE SUPPLY : VGATE[V]
VCC=5.0V
GATE Voltage Above Supply: VGATE [V]
GATE Voltage Above Supply: VGATE [V]
Ambient Temperature: Ta [°C]
Supply Voltage: VCC [V]
8/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300230-1-2
21.Aug.2014 Rev.003


Numéro de pièce similaire - BD2270HFV-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
More results

Description similaire - BD2270HFV-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com