Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2270HFV Fiches technique(PDF) 1 Page - Rohm

No de pièce BD2270HFV
Description  Controller ICs for High Side NMOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV Fiches technique(HTML) 1 Page - Rohm

  BD2270HFV_14 Datasheet HTML 1Page - Rohm BD2270HFV_14 Datasheet HTML 2Page - Rohm BD2270HFV_14 Datasheet HTML 3Page - Rohm BD2270HFV_14 Datasheet HTML 4Page - Rohm BD2270HFV_14 Datasheet HTML 5Page - Rohm BD2270HFV_14 Datasheet HTML 6Page - Rohm BD2270HFV_14 Datasheet HTML 7Page - Rohm BD2270HFV_14 Datasheet HTML 8Page - Rohm BD2270HFV_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Controller ICs
for High Side NMOSFET
BD2270HFV
General Description
BD2270HFV is a gate driver for high side N-Channel
MOSFET that comes with a discharge circuit for the
output capacitive load. An internal charge pump
enables the IC to drive the gate of an external high
side NMOSFET without using any external parts. The
power up sequence is controlled by a comparator with
hysteresis function. The space saving HVSOF5
package is used.
Features
■ Built-in Charge Pump Circuit Drives the Gate of
the External N-Channel Power MOSFET
■ Built-in Discharge Circuit for Output Charge
■ Soft Start Circuit
■ Built-in Comparator with Hysteresis Function at
Control Block Input
■ Possible to drive N-channel power MOSFET
Applications
PCs
PC Peripheral Devices
Digital Consumer Electronics
Key Specifications
Input Voltage Range:
2.7V to 5.5V
GATE Rise Time (CGATE= 500pF):
130μs (Typ)
GATE Output Voltage(VCC= 5V):
13.5V(Typ)
Operating Current:
50μA(Typ)
Standby Current:
5μA (Typ)
Operating Temperature Range:
-25°C to +85°C
Package
W(Typ) D(Typ) H (Max)
Typical Application Circuit
Lineup
GATE Output Voltage(VCC= 5V)
Package
Orderable Part Number
Min
Typ
Max
10V
13.5V
15V
HVSOF5
Reel of 3000
BD2270HFV-TR
BD2270HFV-GTR
VCC
DISC
GND
GATE
AEN
BD2270HFV
3.3V
3.3V
Load
ON/OFF
VIN_SWITCH
VOUT_SWITCH
HVSOF5
1.60mm x 1.60mm x 0.60mm
Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
1/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0E3E0H300230-1-2
21.Aug.2014 Rev.003
Datasheet


Numéro de pièce similaire - BD2270HFV_14

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
More results

Description similaire - BD2270HFV_14

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com