Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADUM5410 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADUM5410
Description  Quad-Channel Isolators with Integrated DC-to-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADUM5410 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADUM5410 Datasheet HTML 3Page - Analog Devices ADUM5410 Datasheet HTML 4Page - Analog Devices ADUM5410 Datasheet HTML 5Page - Analog Devices ADUM5410 Datasheet HTML 6Page - Analog Devices ADUM5410 Datasheet HTML 7Page - Analog Devices ADUM5410 Datasheet HTML 8Page - Analog Devices ADUM5410 Datasheet HTML 9Page - Analog Devices ADUM5410 Datasheet HTML 10Page - Analog Devices ADUM5410 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
ADuM5410/ADuM5411/ADuM5412
Rev. 0 | Page 7 of 29
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDD1 = VDDP = 5.0 V, VISO = 3.3 V, VSEL resistor network: R1 = 10 kΩ ± 1%, R2 = 16.9 kΩ ±1%
between VISO and GNDISO (see Figure 31). Minimum/maximum specifications apply over the entire recommended operation range, which
is 4.5 V ≤ VDD1 = VDDP ≤ 5.5 V, 3.0 V ≤ VISO ≤ 3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are tested
with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 11. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.0
3.3
3.6
V
IISO = 15 mA, R1 = 10 kΩ, R2 = 16.9 kΩ
Line Regulation
VISO (LINE)
20
mV/V
IISO = 15 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
VISO (LOAD)
1
5
%
IISO = 3 mA to 27 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 27 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 µF||10 µF, IISO = 27 mA
Switching Frequency
fOSC
125
MHz
Pulse-Width Modulation Frequency
fPWM
600
kHz
Output Supply
IISO (MAX)
30
mA
3.6 V > VISO > 3 V
Efficiency at IISO (MAX)
24
%
IISO = 27 mA
VDDP Supply Current
No VISO Load
IDDP (Q)
14
20
mA
Full VISO Load
IDDP (MAX)
85
115
mA
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
Table 12. Data Channel Supply Current Specifications
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
CL = 0 pF
ADuM5410
IDD1
6.8
10
7.8
12
11.8
17.4
mA
IDD2
2.0
3.7
3.5
5.5
8.2
11.6
mA
ADuM5411
IDD1
5.8
10.3
7.0
10.9
11.4
15.9
mA
IDD2
3.9
6.65
5.2
8.0
9.4
12.8
mA
ADuM5412
IDD1
4.3
7.7
6.0
9.3
10.3
14.2
mA
IDD2
5.0
8.4
6.2
9.6
9.8
13.7
mA
Table 13. Switching Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.7
ns
Within PWD limit
Data Rate
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
6.8
14
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3.0
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
7.5
ns
Between any two units at the same temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.7
3.0
ns
Opposing Direction
tPSKOD
0.7
3.0
ns
Jitter
640
ps p-p
75
ns rms


Numéro de pièce similaire - ADUM5410

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
370Kb / 15P
   Isolated DC/DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400 Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
ADUM5400 AD-ADUM5400 Datasheet
301Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. A
ADuM5400 AD-ADuM5400 Datasheet
391Kb / 6P
   Industrial Current
More results

Description similaire - ADUM5410

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com