Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2200GUL-E2 Fiches technique(PDF) 3 Page - Rohm

No de pièce BD2200GUL-E2
Description  0.5A, 1.0A Load Switch ICs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2200GUL-E2 Fiches technique(HTML) 3 Page - Rohm

  BD2200GUL-E2 Datasheet HTML 1Page - Rohm BD2200GUL-E2 Datasheet HTML 2Page - Rohm BD2200GUL-E2 Datasheet HTML 3Page - Rohm BD2200GUL-E2 Datasheet HTML 4Page - Rohm BD2200GUL-E2 Datasheet HTML 5Page - Rohm BD2200GUL-E2 Datasheet HTML 6Page - Rohm BD2200GUL-E2 Datasheet HTML 7Page - Rohm BD2200GUL-E2 Datasheet HTML 8Page - Rohm BD2200GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BD2200GUL
BD2201GUL
Datasheet
Absolute Maximum Ratings
(Ta=25°C)
Parameter
Symbol
Rating
Unit
IN Supply Voltage
VIN
-0.3 to +6.0
V
EN Input Voltage
VEN
-0.3 to VIN + 0.3
V
OUT Voltage
VOUT
-0.3 to +6.0
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.57 (Note 1)
W
(Note 1)
Derate by 4.6mW /°C when operating above Ta=25°C (mounted on 50mm x 58mm x 1.75mm board).
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Switch Input Voltage
VIN
2.7
3.3
5.5
V
Operation Temperature
Topr
-25
+25
+85
°C
Output Current (BD2200GUL)
ILO
0
-
500
mA
Output Current (BD2201GUL)
ILO
0
-
1000
mA
Electrical Characteristics
BD2200GUL (Unless otherwise specified, VIN= 3.3V, Ta= 25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[Current Consumption]
Operating Current
IDD
-
20
30
µA
VEN = 1.2V, VOUT = Open
Standby Current
ISTB
-
0.01
1
µA
VEN = 0V, VOUT = Open
[I/O]
EN Input Voltage
VENH
1.2
-
-
V
High Level Input
VENL
-
-
0.4
V
Low Level Input
EN Input Current
IEN
-1
-
+1
µA
VEN = 0V or VEN = 1.2V
[Power Switch]
ON-Resistance
RON
-
100
200
ILO = 500mA
Switch Leakage Current
ILEAK
-
0.01
1
µA
VEN = 0V, VOUT = 0V
Output Rise Time
tON1
-
1.0
2.0
ms
RL = 10Ω, VOUT: 10% to 90%
Output Turn-ON Time
tON2
-
1.2
2.4
ms
RL = 10Ω, VEN: 50% to VOUT: 90%
Output Fall Time
tOFF1
-
2.5
5.0
µs
RL = 10Ω, VOUT: 90% to 10%
Output Turn-Off Time
tOFF2
-
4.5
9.0
µs
RL = 10Ω, VEN: 50% to VOUT: 10%
[Discharge Circuit]
Discharge ON-Resistance
RDISC
-
70
110
Ω
ILO = -1mA, VEN = 0V
Discharge Current
IDISC
-
15
20
mA
VOUT = 3.3V, VEN = 0V
3/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300170-1-2
21.Aug.2014 Rev.002


Numéro de pièce similaire - BD2200GUL-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
BD2200GUL ROHM-BD2200GUL Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
More results

Description similaire - BD2200GUL-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com