Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2045AFJ Fiches technique(PDF) 6 Page - Rohm

No de pièce BD2045AFJ
Description  0.5A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Fiches technique(HTML) 6 Page - Rohm

Back Button BD2045AFJ_14 Datasheet HTML 2Page - Rohm BD2045AFJ_14 Datasheet HTML 3Page - Rohm BD2045AFJ_14 Datasheet HTML 4Page - Rohm BD2045AFJ_14 Datasheet HTML 5Page - Rohm BD2045AFJ_14 Datasheet HTML 6Page - Rohm BD2045AFJ_14 Datasheet HTML 7Page - Rohm BD2045AFJ_14 Datasheet HTML 8Page - Rohm BD2045AFJ_14 Datasheet HTML 9Page - Rohm BD2045AFJ_14 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
BD2045AFJ
BD2055AFJ
Measurement Circuit
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
A
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
RL
CL
IN
OUT
OUT
1uF
VEN(V/EN)
A. Operating Current
B. EN, /EN Input Voltage, Output Rise / Fall Time
EN(/EN)
OUT
/OC
IN
GND
VIN
CL
IN
OUT
OUT
1uF
IOUT
VIN
10k
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
I/OC
VIN
VEN(V/EN)
C. ON-Resistance, Over Current Detection
D. /OC Output Low Voltage
Figure 1. Measurement Circuit
Timing Diagram
tON1
VOUT
10%
90%
90%
tOFF1
tON2
V/EN
V/ENL
tOFF2
V/ENH
10%
tON1
VOUT
10%
90%
90%
tOFF1
tON2
VEN
VENH
tOFF2
VENL
10%
Figure 2. Timing Diagram(BD2045AFJ)
Figure 3. Timing Diagram (BD2055AFJ)
5/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300130-1-2
21.Aug.2014 Rev.002


Numéro de pièce similaire - BD2045AFJ_14

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results

Description similaire - BD2045AFJ_14

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com