Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS160B Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74ALS160B
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS160B Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74ALS160B Datasheet HTML 3Page - Texas Instruments SN74ALS160B Datasheet HTML 4Page - Texas Instruments SN74ALS160B Datasheet HTML 5Page - Texas Instruments SN74ALS160B Datasheet HTML 6Page - Texas Instruments SN74ALS160B Datasheet HTML 7Page - Texas Instruments SN74ALS160B Datasheet HTML 8Page - Texas Instruments SN74ALS160B Datasheet HTML 9Page - Texas Instruments SN74ALS160B Datasheet HTML 10Page - Texas Instruments SN74ALS160B Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Setup time
before CLK
ns
tw
Pulse duration
’ALS162, ’ALS163
UNIT
tsu
ns
UNIT
TEST CONDITIONS
PARAMETER
SN54AS160 THRU SN54AS163
SN74AS160 THRU SN74AS163
SYNCHRONOUS 4-BIT DECADE COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54AS160 thru SN54AS163
– 55
°C to 125°C
. . . . . . . . . . . . . . . .
SN74AS160 thru SN74AS163
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS160
THRU
SN54AS163
SN74AS160
THRU
SN74AS163
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–2
–2
mA
IOL
Low-level output current
20
20
mA
fclock
Clock frequency
0
65
0
75
MHz
CLR high or low
7.7
6.7
’ALS160, ’ALS161 CLR low
10
8
A, B, C, D
10
8
LOAD
10
8
ENP, ENT
10
8
’ALS160, ’ALS161 CLR inactive
10
8
CLR low
14
12
CLR high (inactive)
10
9
th
Hold time, all synchronous inputs after CLK
2
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN54AS160
THRU
SN54AS163
SN74AS160
THRU
SN74AS163
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VCC –2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.25
0.5
0.25
0.5
V
LOAD
0.3
0.3
II
ENT
VCC = 5.5 V,
VI = 7 V
0.2
0.2
mA
All other
0.1
0.1
LOAD
60
60
IIH
ENT
VCC = 5.5 V,
VI = 2.7 V
40
40
µA
All other
20
20
LOAD
– 1.5
– 1.5
IIL
ENT
VCC = 5.5 V,
VI = 0.4 V
–1
–1
mA
All other
– 0.5
– 0.5
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
ICC
VCC = 5.5 V
35
53
35
53
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Numéro de pièce similaire - SN74ALS160B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS161B TI-SN74ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74ALS161B TI-SN74ALS161B Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74ALS161B TI-SN74ALS161B Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74ALS161B TI1-SN74ALS161B Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74ALS161BD TI-SN74ALS161BD Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results

Description similaire - SN74ALS160B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com